Electronic Components Datasheet Search
  English  ▼

X  

AEP016DI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP016DI
Description  ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP016DI Datasheet(HTML) 1 Page - Allied Components International

  AEP016DI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/01/09
Through Hole compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
All specifications subject to change without notice.
MECHANICAL
o
Electrical Specifications @25 C
SCHEMATICS
1
3
2
4
10
7
9
8
PRI
SEC
Units:mm
Unless otherwise specified all tolerances are:
0.25 in mm
0.6
13.5max
3.5
1
2
4
3
5
6
9
7
8
10
1.0
max
1:2
2%
1-3
10-7:1-4(short 9-8,2-3)
1-4(short 2-3)
1.5mH
7%
12uH max
1-4(short2-3,7-8-9-10)
1-10( short 2-3,8-9)
30pF max
2-4
9-7
10-8
1.0
max
0.5
max
0.4
max
Part
Number
OCL
(10KHz,0.1V)
DCR
Hi-Pot
VAC
(1mA/60S)
1500
LL
(100KHz,0.1V)
Continue
Cww
(100KHz,0.1V)
THD
30KHz,2V
-80dB max
Turns Ratio
(10KHz,0.1V)
14.0max
14.0max
10.16
2.54
0.9
YYWW
SUGGESTED PAD LAYOUT
AEP016DI
ALLIED
AEP016DI


Similar Part No. - AEP016DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP010SI ALLIED-AEP010SI Datasheet
394Kb / 1P
VDSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP012SI ALLIED-AEP012SI Datasheet
356Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP017SI ALLIED-AEP017SI Datasheet
348Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP018SI ALLIED-AEP018SI Datasheet
362Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results

Similar Description - AEP016DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP025DI ALLIED-AEP025DI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
ADSL Line Transformer Through Hole Magnetics
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com