Electronic Components Datasheet Search
  English  ▼

X  

P7616 Datasheet(PDF) 2 Page - ETAL Group

Part # P7616
Description  The P7616 family comprises of medium current, shielded power inductors in low profile size (2.0mm max.).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7616 Datasheet(HTML) 2 Page - ETAL Group

  P7616 Datasheet HTML 1Page - ETAL Group P7616 Datasheet HTML 2Page - ETAL Group P7616 Datasheet HTML 3Page - ETAL Group P7616 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
5012 size
5015 size
5020 size
Tolerance code: □
□
□
□ :
M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC (jnclude self temp. rise)
6. Resistance to solder heat: 260ºC 10 secs
7. For non-standard inductance values, please contact ETAL Group AB
0,46
0,50
W
P7616-5020-680□
68±20%
0.1V/100K
650
Q
P7616-5020-470□
47±20%
0.1V/100K
400
0,55
0,75
U
P7616-5020-220□
22±20%
0.1V/100K
230
0,75
1,00
K
P7616-5020-100□
10±20%
0.1V/100K
130
1,10
1,50
M
P7616-5020-6R8□
6.8±20%
0.1V/100K
110
1,40
1,60
F
P7616-5020-4R7□
4.7±20%
0.1V/100K
100
1,80
1,70
I
P7616-5020-2R7□
2.7±30%
0.1V/100K
75
2,10
2,00
A
P7616-5020-2R2□
2.2±30%
0.1V/100K
61
2,60
2,20
E
P7616-5020-1R0□
1.0±30%
0.1V/100K
43
3,80
2,60
Marking
(µH)
Frequency
(m )
(A)
(A)
(Hz)
±20%
Test
RDC
IDC1
IDC2
P7616-5012-330□
Part No
Part No
Inductance
1.0±30%
0.1V/100K
P7616-5012-150□
3.3±30%
2,30
±20%
SPECIFICATIONS
P7616-5012-1R5□
P7616-5012-3R3□
P7616-5012-6R8□
P7616-5012-1R0□
1,70
F
2.5±30%
0.1V/100K
A
RDC (m )
IDC1
IDC2
45
2,50
2,00
52
2,10
1,50
E
P7616-5012-2R2□
2.2±30%
0.1V/100K
71
1,70
0.1V/100K
80
P7616-5012-4R7□
4.7±20%
0.1V/100K
120
P7616-5012-100□
10±20%
0.1V/100K
220
6.8±20%
0.1V/100K
150
W
15±20%
0.1V/100K
320
0,65
0,85
U
P7616-5012-220□
22±20%
0.1V/100K
430
0,53
0,70
Q
I
1,20
1,30
K
1,10
M
1,40
1,00
33±20%
0.1V/100K
680
0,45
0,75
1,00
±20%
0,50
U
P7616-5012-470□
47±20%
0.1V/100K
1050
0,30
0,38
W
G
P7616-5015-2R7□
2.7±30%
0.1V/100K
67
P7616-5015-3R3□
3.3±30%
0.1V/100K
76
1,80
1,00
1,00
K
P7616-5015-4R7□
4.7±20%
0.1V/100K
94
P7616-5015-6R8□
6.8±20%
0.1V/100K
110
Marking
1,20
1,20
I
1,70
2,00
F
1,50
Part No
Inductance
IDC1
IDC2
(µH)
(A)
(A)
Test Frequency RDC (m )
(Hz)
(µH)
(A)
(A)
Marking
Inductance
Test Frequency
(Hz)
ELECTRICAL
ETALDOC 1002/3
2 of 4
2012-04-04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com