Electronic Components Datasheet Search
  English  ▼

X  

P7617 Datasheet(PDF) 3 Page - ETAL Group

Part # P7617
Description  The P7617 family comprises of medium current, non-shielded power inductors in low profile size (2.0mm max).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7617 Datasheet(HTML) 3 Page - ETAL Group

  P7617 Datasheet HTML 1Page - ETAL Group P7617 Datasheet HTML 2Page - ETAL Group P7617 Datasheet HTML 3Page - ETAL Group P7617 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
PRODUCT DATA SHEET
SPECIFICATIONS
5020 size
Tolerance code: □
□
□
□ :
M=±20%
N=±30%
Notes
1. IDC1: Based on inductance change ( T/Lo:≤30%) @ ambient temp. 25ºC
2. IDC2: Based on temprature rise ( : 40ºC Typ.)
3. Rated Current: IDI or IDC2, whichever is lower
4. Storage temp.: -40ºC to +105ºC
5. Operating Temp.: -40ºC to +105ºC
S
0,90
0,55
U
P7617-5020-470M
47±20%
0.1V/100K
670
P7617-5020-330M
33±20%
0.1V/100K
480
1,00
0,70
O
P7617-5020-220M
22±20%
0.1V/100K
350
1,20
0,85
Q
P7617-5020-150M
15±20%
0.1V/100K
230
1,50
1,05
K
P7617-5020-100M
10±20%
0.1V/100K
170
2,00
1,20
M
P7617-5020-6R8M
6.8±20%
0.1V/100K
140
2,20
1,35
H
3.3±30%
G
P7617-5020-4R7M
4.7±20%
0.1V/100K
110
2,40
1,50
I
1,65
2,80
P7617-5020-3R9N
3.9±30%
0.1V/100K
97
2,60
1,60
0.1V/100K
89
C
3,40
1,70
E
1,80
0.1V/100K
66
4,20
1,95
B
0.1V/100K
48
2.2±30%
0.1V/100K
77
5,60
2,10
Marking
(A)
A
P7617-5020-1R2N
1.2±30%
0.1V/100K
58
4,70
Test
RDC
IDC1
IDC2
Frequency
(m )
(A)
(Hz)
±20%
Part No
Inductance
P7617-5020-1R0N
1.0±30%
P7617-5020-1R5N
1.5±30%
P7617-5020-3R3N
(µH)
P7617-5020-2R2N
ELECTRICAL
5. Operating Temp.: -40ºC to +105ºC
6. Resistance to solder heat: 260ºC 10 secs
7. Powder coating type
8. For non-standard inductance values, please contact ETAL Group AB.
Recommended PCB Pattern
CONSTRUCTION
D
E
F
G
Size
A
B
C
2.7 Typ. 1.16 Typ. 2.0 Typ.
1.5 Typ.
5010
5.0±0.2
4.9±0.2
1.0 Max.
2.7 Typ. 1.16 Typ. 2.0 Typ.
1.5 Typ.
5012
5.0±0.2
4.9±0.2
1.2 Max.
2.7 Typ. 1.16 Typ. 2.0 Typ.
1.5 Typ.
5015
5.0±0.2
4.9±0.2
1.5 Max.
2.7 Typ. 1.16 Typ. 2.0 Typ.
1.5 Typ.
5020
5.0±0.2
4.9±0.2
2.0 Max.
Unit: mm
ETALDOC 1003/4
3 of 4
2012-04-04



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com