Electronic Components Datasheet Search
  English  ▼

X  

MB-4 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-4
Description  Fits SOT-343 (SC-70) amplifier packages
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-4 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-4 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Fits SOT-343 (SC-70) amplifier packages
• Input/Output blocking capacitors
• RF bypass and bias capacitors
• Dual bias resistors
• RF bias inductor
• RO-4350 board material
• Fits MicroAmp MH-series housings
ASSEMBLY
AMPLIFIER SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-4 Circuit Board
For SOT-343 (SC-70) Amplifiers
The MicroAmp MB-4 circuit board is designed for rapid prototyping of many different RF MMIC amplifiers in SOT-343 (SC-70) 4-pin
packages that use a common RF output and bias pin from manufacturers such as Avago (ADA) and others. This board will fit the
MicroAmp MH series of connectorized housings that allow it to be used as a single amplifier stage or cascaded with other MicroAmp
boards for added versatility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible
ENIG plating (electroless nickel/immersion gold) on both the component side and the solid bottom ground plane. The board
measures 0.490" x 0.590" and mounts into the housing with four #1-72 screws. Amplifiers can be easily designed and assembled
with standard surface-mount passive components. It includes provisions for input and output DC blocking capacitors (0603), RF and
bias bypass capacitors (0603/0805), dual bias resistors for flexible thermal management (0805), and a RF bias inductor (0805 or
0603). Pads for the RF connectors allow the SMA center pins to be easily soldered to the board after it is installed into the housing,
as well as a large pad to connect the completed board assembly to the bias feed-through.
REF SIZE
FUNCTION
C1
0603
DC block
C2
0603
DC block
C3
0603
Bypass
C4
0603
Bypass
C5
0805
Bypass
R1
0805
DC bias
R2
0805
DC bias
L1
0805/0603
RF bias
U1 SOT-343 (SC-70)
Amplifier
J1
Input
J2
Output
J3
Bias
FEATURES


Similar Part No. - MB-4

ManufacturerPart #DatasheetDescription
logo
KITAGAWA GmbH
MB-4 KGS-MB-4 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
Bud Industries, Inc.
MB-448 BUD-MB-448 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
MB-449 BUD-MB-449 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
MB-450 BUD-MB-450 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
MB-451 BUD-MB-451 Datasheet
58Kb / 1P
CHASSIS MOUNTING BRACKET
More results

Similar Description - MB-4

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BAS16WT1 MOTOROLA-BAS16WT1 Datasheet
98Kb / 6P
CASE 419-02, STYLE 2 SC-70/SOT-323
BAV70WT1 MOTOROLA-BAV70WT1 Datasheet
99Kb / 6P
CASE 419-02, STYLE 5 SC-70/SOT-323
BAV99WT1 MOTOROLA-BAV99WT1 Datasheet
128Kb / 6P
SC-70/SOT-323 Dual Series Switching Diode
BC846AWT1 MOTOROLA-BC846AWT1 Datasheet
207Kb / 6P
CASE 419-02, STYLE 3 SOT-323/SC-70
BC856AWT1 MOTOROLA-BC856AWT1 Datasheet
251Kb / 8P
CASE 419-02, STYLE 3 SOT-323/SC-70
logo
Intersil Corporation
ISL88001 INTERSIL-ISL88001 Datasheet
216Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
March 26, 2008
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
MB-3 ETC2-MB-3 Datasheet
1Mb / 1P
Fits SOT-143 amplifier packages
logo
Intersil Corporation
ISL88003IH46Z-T INTERSIL-ISL88003IH46Z-T Datasheet
339Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
May 29, 2012
logo
Renesas Technology Corp
ISL88001 RENESAS-ISL88001 Datasheet
547Kb / 11P
Ultra Low Power 3 Ld Voltage Supervisors in SC-70 and SOT-23 Packages
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com