Electronic Components Datasheet Search
  English  ▼

X  

P7619 Datasheet(PDF) 2 Page - ETAL Group

Part # P7619
Description  The P7619 family comprises of medium current, non-shielded power inductors in low profile size (1.1mm typical).
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7619 Datasheet(HTML) 2 Page - ETAL Group

  P7619 Datasheet HTML 1Page - ETAL Group P7619 Datasheet HTML 2Page - ETAL Group P7619 Datasheet HTML 3Page - ETAL Group P7619 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7619
SPECIFICATIONS
4010 size
4012 size
4015 size
Tolerance code: □ :
M=±20%
N=±30%
22,0
M
0.1V/100K
490
P7619-4015-470□
P7619-4015-470□
P7619-4015-101□
Part No
Part No
P7619-4012-6R8□
15,0
P7619-4015-5R6□
P7619-4015-6R8□
P7619-4015-100□
P7619-4015-150□
6,8
Part No
Inductance (µH)
P7619-4010-1R0□
1,0
Tolerance
N
N
0,75
O
1,10
0,95
230
P7619-4012-1R0□
P7619-4012-2R2□
Inductance (µH)
1,0
1,10
K
M
10,0
M
0.1V/100K
M
0.1V/100K
350
0,90
M
0.1V/100K
1,60
M
0.1V/100K
140
170
1,40
1,20
J
P7619-4012-1R5□
P7619-4012-4R7□
P7619-4012-3R3□
P7619-4015-1R0□
P7619-4012-1R5□
P7619-4015-2R2□
P7619-4015-3R3□
5,6
1,90
1,30
I
M,N
0.1V/100K
86
1,50
1,55
1,30
E
P7619-4015-4R7□
P7619-4012-100□
10,0
M
1,5
N
2,20
1,45
2,50
1,60
4,7
4,7
M
6,8
0.1V/100K
120
66
0.1V/100K
94
0.1V/100K
57
0.1V/100K
530
0.1V/100K
48
G
P7619-4012-150□
3,3
N
0.1V/100K
P7619-4012-220□
22,0
M
1140
0.1V/100K
E
P7619-4012-330□
2,2
N
0.1V/100K
P7619-4012-470□
47,0
M
1,0
N
C
3,60
1,85
2,90
1,70
0,65
0,70
A
Marking
1,70
C
IDC2
I
0,95
1,05
1,40
G
IDC1
A
0.1V/100K
42
(Hz)
±20%
(A)
(A)
2,30
1,90
3,3
N
0.1V/100K
100
Test Frequency
RDC (m )
1,5
2,2
N
1,25
M
0.1V/100K
180
K
0.1V/100K
57
1,90
0.1V/100K
390
M
0,75
0,80
M
0.1V/100K
130
1,10
280
33,0
M
0.1V/100K
850
O
0,55
0,60
Q
15,0
M
(A)
(A)
0,45
0,40
S
0,38
0,35
U
U
Inductance (µH)
Tolerance
Test Frequency
RDC (m )
(Hz)
±20%
IDC1
IDC2
Marking
Y
100,0
M
0.1V/100K
2460
0,80
0,63
Q
47,0
M
Tolerance
Test Frequency
RDC (m )
IDC1
0,33
0,38
0.1V/100K
1080
0,55
0,50
42
2,30
1,90
IDC2
Marking
(Hz)
±20%
(A)
(A)
A
P7619-4010-1R5□
1,5
N
0.1V/100K
57
1,90
1,70
C
0.1V/100K
86
1,50
1,55
E
P7619-4010-2R2□
2,2
M,N
0.1V/100K
100
1,30
1,40
G
P7619-4010-3R3□
3,3
N
0.1V/100K
130
1,10
1,25
I
P7619-4010-4R7□
4,7
M
0.1V/100K
180
0,95
1,05
K
P7619-4010-6R8□
6,8
M
0.1V/100K
280
0,75
0,80
M
P7619-4010-100□
10,0
M
0.1V/100K
390
0,65
0,70
O
P7619-4010-150□
15,0
M
0.1V/100K
530
0,55
0,60
Q
P7619-4010-220□
22,0
M
0.1V/100K
850
0,45
0,40
S
P7619-4010-330□
33,0
M
0.1V/100K
1140
0,38
0,35
U
P7619-4010-470□
47,0
M
0.1V/100K
ELECTRICAL
ETALDOC 1005/1
2 of 4
2012-06-26



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com