Electronic Components Datasheet Search
  English  ▼

X  

P7622 Datasheet(PDF) 2 Page - ETAL Group

Part # P7622
Description  The P7622 family comprises of medium current, shielded power choke coil in low profile size.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7622 Datasheet(HTML) 2 Page - ETAL Group

  P7622 Datasheet HTML 1Page - ETAL Group P7622 Datasheet HTML 2Page - ETAL Group P7622 Datasheet HTML 3Page - ETAL Group P7622 Datasheet HTML 4Page - ETAL Group P7622 Datasheet HTML 5Page - ETAL Group P7622 Datasheet HTML 6Page - ETAL Group P7622 Datasheet HTML 7Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
PRODUCT DATA SHEET
P7622
SPECIFICATIONS
0402 size
0412 size
Tolerance code: □ :
M=±20%
Y=±30%
Notes
a) Test Freq. : L : 100KHz/1V
b) Ambient Temp. : 25°C
c) Operating Temp. : -40°C to +125°C
d) Storage Temp. : -40°C to +125°C
e) Humidity Range : 50 ~ 60% RH (Product without taping)
f) Heat Rated Current (Irms) : Will cause the coil temp. rise approximately ∆t of 40°C (keep 1min.)
g) Saturation Current (Isat) : Will cause L0 to drop 20% typical (keep quickly)
h) Part Temperature (Ambient+Temp. Rise) : Should not exceed 125°C under worst case operating conditions.
ELECTRICAL
DCR
( m
) Typ. @
25°C
DCR
( m
) Max. @
25°C
3.2
4.0
6.6
7.3
7.8
8.6
11.2
14
16
19
22
27
25
30
34.8
42
51
61
69
76
95
105
112
125
150
172
158
180
215
243
470
500
P7622-0402-220M
22.0 ±20%
1.2
1.4
P7622-0402-100M
10.0 ±20%
1.8
2.3
P7622-0402-8R2M
8.20 ±20%
2.0
2.5
P7622-0402-6R8M
6.80 ±20%
2.1
2.8
P7622-0402-5R6M
5.60 ±20%
2.2
3.0
P7622-0402-4R7M
4.70 ±20%
2.6
3.5
P7622-0402-3R3M
3.30 ±20%
3.5
4.0
P7622-0402-2R2M
2.20 ±20%
4.0
6.0
P7622-0402-1R5M
1.50 ±20%
4.5
7.0
P7622-0402-1R2M
1.20 ±20%
4.8
7.8
P7622-0402-1R0M
1.00 ±20%
5.0
8.5
P7622-0402-R68M
0.68 ±20%
7.0
10
P7622-0402-R47M
0.47 ±20%
8.0
12
P7622-0402-R33M
0.33 ±20%
10
18
P7622-0402-R22M
0.22 ±20%
13
24
P7622-0402-R10Y
0.10 ±30%
12
35
Part No.
Inductance L 0
( µH )
@ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
DCR
( m
) Typ. @
25°C
DCR
( m
) Max. @
25°C
4.3
5.5
6.6
8.0
18
20
41
47
55
63.3
69.2
80
84
97
128
145
180
208
300
360
313
376
410
463
P7622-0412-8R2M
8.20 ±20%
1.4
1.6
Part No.
Inductance L 0
( µH )
@ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7622-0412-R10Y
0.10 ±30%
11.5
25
P7622-0412-R22M
0.22 ±20%
8.5
20
P7622-0412-R47M
0.47 ±20%
6.0
6.5
P7622-0412-1R0M
1.00 ±20%
4.0
6.0
P7622-0412-1R5M
1.50 ±20%
3.0
4.0
P7622-0412-2R2M
2.20 ±20%
2.8
3.5
P7622-0412-3R3M
3.30 ±20%
2.3
3.0
P7622-0412-4R7M
4.70 ±20%
2.0
2.5
P7622-0412-6R8M
6.80 ±20%
1.7
2.3
1.5
1.7
P7622-0412-5R6M
5.60 ±20%
P7622-0412-100M
10.0 ±20%
1.3
1.4
ETALDOC 1008/1
2 of 7
2/24/2011



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com