Electronic Components Datasheet Search
  English  ▼

X  

P7623 Datasheet(PDF) 2 Page - ETAL Group

Part # P7623
Description  The P7623 family comprises of medium current, shielded power choke coil in low profile size.
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7623 Datasheet(HTML) 2 Page - ETAL Group

  P7623 Datasheet HTML 1Page - ETAL Group P7623 Datasheet HTML 2Page - ETAL Group P7623 Datasheet HTML 3Page - ETAL Group P7623 Datasheet HTML 4Page - ETAL Group P7623 Datasheet HTML 5Page - ETAL Group P7623 Datasheet HTML 6Page - ETAL Group P7623 Datasheet HTML 7Page - ETAL Group P7623 Datasheet HTML 8Page - ETAL Group P7623 Datasheet HTML 9Page - ETAL Group Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
PRODUCT DATA SHEET
P7623
SPECIFICATIONS
0502 size
0503 size
0512 size
Tolerance code:
□ : M=±20%
Y=±30%
ELECTRICAL
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
6,3
7,3
7,3
8,6
11
12,4
17,5
20
26,5
30,5
42,0
50,0
66,0
76
103
116
112
122
130
150
148
171
180
199
3,4
P7623-0502-100M
10
2,3
P7623-0502-8R2M
8,20
2,3
3,5
P7623-0502-6R8M
6,80
2,4
3,8
P7623-0502-5R6M
5,60
2,5
4,0
P7623-0502-4R7M
4,70
2,8
5,0
P7623-0502-3R3M
3,30
3,3
7,3
P7623-0502-2R2M
2,20
4,2
9,0
1,00
7,0
13,7
P7623-0502-1R5M
1,50
5,5
9,8
P7623-0502-R33M
0,33
12
21,3
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
11,5
18
P7623-0502-R68M
0,68
10
12,8
P7623-0502-R47M
0,47
P7623-0502-1R0M
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
4,3
5,0
6,4
7,4
10
12
13
14
14
16
16
25
25
35
32
38
50
53
55
63
68
76,2
110
128
4,3
P7623-0503-5R6M
20
18
5,0
8,0
P7623-0503-2R2M
2,20
5,5
9,0
4,5
P7623-0503-4R7M
4,70
4,6
6,0
P7623-0503-6R8M
6,80
10,0
5,60
4,25
4,0
7,0
Isat ( A ) Typ.
16
SRF
( MHz ) Typ.
P7623-0503-R33M
0,33
14
18
86
Part No.
Inductance L 0
( µH )
±20% @ 0 A
Irms ( A ) Typ.
1,00
80
P7623-0503-R68M
0,68
8,5
14
74
P7623-0503-R47M
0,47
12
P7623-0503-3R3M
3,30
11
70
P7623-0503-1R2M
1,20
6,5
11
65
P7623-0503-1R0M
P7623-0503-1R5M
1,50
6,0
10
60
43
30
23
16
2,75
3,5
P7623-0503-100M
DCR
( mΩ ) Typ. @
25°C
DCR
( mΩ ) Max. @
25°C
4,3
5,2
5,5
6,7
7,8
9,4
10
11,5
13,6
15,8
21,5
24,5
26
30
33
40
38
44
65
75
75
86
100
115
175
201
193
222
327
378
335
385
Part No.
Inductance L 0
( µH )
@ 0 A
Irms ( A ) Typ.
Isat ( A ) Typ.
P7623-0512-R10Y
0.10 ±30%
14
14,5
10,7
14,0
P7623-0512-R33M
0.33 ±20%
8,5
13,5
P7623-0512-R22Y
0.22 ±30%
P7623-0512-R36M
0.36 ±20%
8,0
13
P7623-0512-R47M
0.47 ±20%
7,0
11
P7623-0512-R68M
0.68 ±20%
6,0
9,0
P7623-0512-1R0M
1.00 ±20%
5,0
6,0
P7623-0512-1R2M
1.20 ±20%
4,5
5,5
P7623-0512-1R5M
1.50 ±20%
4,0
5,0
P7623-0512-2R2M
2.20 ±20%
3,5
4,0
P7623-0512-3R3M
3.30 ±20%
3,0
3,8
P7623-0512-4R7M
4.70 ±20%
2,5
3,2
P7623-0512P-5R6M
5.60 ±20%
2,4
3,2
1,7
2,8
P7623-0512-6R8M
6.80 ±20%
2,0
3,0
P7623-0512-8R2M
8.20 ±20%
P7623-0512-100M
10.0 ±20%
1,5
1,8
ETALDOC 1009/2
2 of 13
2/25/2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com