Electronic Components Datasheet Search
  English  ▼

X  

AEP028DI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP028DI
Description  ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP028DI Datasheet(HTML) 1 Page - Allied Components International

  AEP028DI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/01/09
Through Hole compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
o
Electrical Specifications @25 C
SCHEMATICS
MECHANICAL
Unless otherwise specified all tolerances are:
0.25 in mm
Units:mm
13.7max
15.5max
13.2
12.6max
3.0
0.5
YYWW
16
11
14
9
1
3
2
4
PRI
5
7
6
8
SEC
SUGGESTED PAD LAYOUT
Part
Number
Cww
(100KHz,0.1V)
OCL
(10KHz,0.1V)
LL
(100KHz,0.1V)
Turns Ratio
(10KHz,0.1V)
16-9:1-4
(short 11-14,2-3)
16-9
(short 11-14)
16-9
(short11-14,1-2-3-4)
1-16
(short 1-2-3-4,11-14)
4:1
2%
700uH
10%
35uH max
16-9:5-8
(short 11-14,6-7)
2:1
2%
50pF max
Continue
LB
THD
Hi-Pot
1mA/2s
(Vrms)
3000
16-9
(short 11-14)
5-8
(short 6-7)
1-4
(short 2-3)
55dB min
2.5
max
DCR
(35KHz~650KHz)
(120KHz,3.6Vrms )
-85dB max
16-9
(short11-14,5-6-7-8)
35uH max
9-8
(short 11-14,5-6-7-8)
50pF max
11.9
0.8
13.2
3.4
5.1
3.4
1.7
5.5
max
1.2
max
All specifications subject to change without notice.
AEP028DI
ALLIED
AEP028DI


Similar Part No. - AEP028DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP028SI ALLIED-AEP028SI Datasheet
459Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results

Similar Description - AEP028DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP025DI ALLIED-AEP025DI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP162DI ALLIED-AEP162DI Datasheet
367Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
ADSL Line Transformer Through Hole Magnetics
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com