Electronic Components Datasheet Search
  English  ▼

X  

P7637 Datasheet(PDF) 2 Page - ETAL Group

Part # P7637
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7637 Datasheet(HTML) 2 Page - ETAL Group

  P7637 Datasheet HTML 1Page - ETAL Group P7637 Datasheet HTML 2Page - ETAL Group P7637 Datasheet HTML 3Page - ETAL Group P7637 Datasheet HTML 4Page - ETAL Group P7637 Datasheet HTML 5Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PRODUCT DATA SHEET
P7637
SPECIFICATIONS
Notes:
a) Test Freq. : 100KHz/ 1V
b) Ambient Temp. : 25°C
c) Operating Temp. : -40°C to +125°C
d) Storage Temp. : -10°C to +40°C
e) Humidity Range. : 50~60% RH (Product without taping)
f) Heat Rated Current (Irms) will cause the coil temperature rise approximately∆t of 40°C. (keep 1min)
g) Saturation Current (Isat 1) will cause L0 to drop 20% typical. (keep quickly)
Saturation Current (Isat 2) will cause L0 to drop 30% typical. (keep quickly)
h) Part Temperature (Ambient+Temp.Rise): Should not exceed 125°C under worst case operating conditions.
Unit: mm
MARKING
- Manufacturer
- Product Code (Height code + Inductance code)
- Manufacturing Date Code
ELECTRICAL
CONSTRUCTION
AB
C
D
E
13,50±0,5
12,50±0,3
5,7±0,2
2,3±0,3
4,7±0,3
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
5,70
4,00
6,00
300,00
P7637-1206-680MF
100,00
5,00
8,00
P7637-1206-101MF
68,00
4,50
7,00
120,00
180,00
210,00
6,00
9,00
P7637-1206-151MF
150,00
P7637-1206-121MF
120,00
P7637-1206-330MF
33,00
8,00
12,00
65,00
P7637-1206-470MF
47,00
7,00
11,00
80,00
P7637-1206-220MF
22,00
11,00
14,00
34,00
P7637-1206-270MF
27,00
9,00
13,00
49,00
P7637-1206-150MF
15,00
13,00
16,00
25,00
P7637-1206-180MF
18,00
12,00
15,00
30,00
P7637-1206-100MF
10,00
15,50
21,00
18,00
P7637-1206-120MF
12,00
13,50
18,00
20,00
Height (mm)
P7637-1206-6R8MF
6,80
19,00
25,00
12,00
Part No.
Inductance (µH) L0
Isat ( A ) Typ.
Isat 2 ( A ) Typ.
DCR (mΩ) 25°C
ETALDOC 1017/1
2 of 5
23/03/2012



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com