Electronic Components Datasheet Search
  English  ▼

X  

P7641 Datasheet(PDF) 2 Page - ETAL Group

Part # P7641
Description  HIGH CURRENT MOLDED POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7641 Datasheet(HTML) 2 Page - ETAL Group

  P7641 Datasheet HTML 1Page - ETAL Group P7641 Datasheet HTML 2Page - ETAL Group P7641 Datasheet HTML 3Page - ETAL Group P7641 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
P7641
SPECIFICATIONS
Notes:
a) Operating Temp. : -40°C to +125°C
b) Irms (A) will cause the coil temperature to rise approximately t of 40°C. without core loss.
c) Saturation Current (Isat ) will cause L0 to drop 20% typical.
d) Part Temperature (Ambient+Temp.Rise): Should not exceed 125°C under worst case operating conditions.
Unit: mm
MARKING
- Manufacturer
- Product Code (Height code + Inductance code)
- Manufacturing Date Code
ELECTRICAL
CONSTRUCTION
Isat ( A ) Max.
71
60
50
35
71
60
50
35
30
P7641-1308-R44M-R53
0.44 ± 20%
0.25V/1M
0.53
45
P7641-1308-R32M-R53
0.32 ± 20%
0.25V/1M
0.53
41
P7641-1308-R26M-R53
0.26 ± 20%
0.25V/1M
0.53
30
P7641-1308-R21M-R53
0.21 ± 20%
0.25V/1M
0.53
45
P7641-1308-R44M-R32
0.44 ± 20%
0.25V/1M
0.32
45
P7641-1308-R32M-R32
0.32 ± 20%
0.25V/1M
0.32
41
P7641-1308-R26M-R32
0.26 ± 20%
0.25V/1M
0.32
Irms ( A )
Max.
P7641-1308-R21M-R32
0.21 ± 20%
0.25V/1M
0.32
45
Part No.
Inductance L0 ( uH )
Test Freq. (
Hz )
DCR ( m
)
± 9.4%
I
7.62± 0.25
C
D
A
B
H
13.46 Max.
12.95
Max.
8.0 Max.
5.08± 0.25 2.54± 0.25 3.18± 0.25 7.11± 0.25
E
G
ETALDOC 1027/1
2 of 4
2012-07-13



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com