Electronic Components Datasheet Search
  English  ▼

X  

P7643 Datasheet(PDF) 2 Page - ETAL Group

Part # P7643
Description  SMD POWER INDUCTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETAL [ETAL Group]
Direct Link  http://www.etalgroup.com
Logo ETAL - ETAL Group

P7643 Datasheet(HTML) 2 Page - ETAL Group

  P7643 Datasheet HTML 1Page - ETAL Group P7643 Datasheet HTML 2Page - ETAL Group P7643 Datasheet HTML 3Page - ETAL Group P7643 Datasheet HTML 4Page - ETAL Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
PRODUCT DATA SHEET
ELECTRICAL CHARACTERISTICS:
0603 size
CHARACTERISTICS CURVES:
GENERAL SPECIFICATION:
Temperature rise 30°C typical at rated current
Rated current based on temperature rise % ∆L/L0A = 35% typical
Storage temperarture -40°C to +125°C
Operating temperature -40°C to 95°C
Resistance to solder heat 260°C fo 10 seconds
P7643-0603-180
Part No
3.0 ±30%
0.5V / 10K
P7643-0603-120
6.0 ±30%
P7643-0603-5R0
5.0 ±30%
0.5V / 10K
31
2.40
SPECIFICATIONS
P7643-0603-3R9
P7643-0603-3R0
RDC (m )
ID (A)
3.9 ±30%
0.5V / 10K
27
2.60
3.00
max
24
0.5V / 10K
35
P7643-0603-7R3
7.3 ±30%
0.5V / 10K
54
P7643-0603-6R0
8.6 ±30%
0.5V / 10K
58
1.85
P7643-0603-100
10.0 ±30%
0.5V / 10K
65
P7643-0603-8R6
2.25
P7643-0603-150
15.0 ±30%
0.5V / 10K
84
1.70
1.40
12.0 ±30%
0.5V / 10K
70
1.32
390
0.5V / 10K
165
0.97
2.10
1.55
0.54
P7643-0603-101
100.0 ±30%
0.5V / 10K
535
P7643-0603-220
22.0 ±30%
0.5V / 10K
128
1.20
0.65
82.0 ±30%
0.60
0.5V / 10K
304
0.5V / 10K
P7643-0603-330
33.0 ±30%
(µH)
max
Inductance
Test Frequency
(Hz)
18.0 ±30%
0.5V / 10K
95
P7643-0603-390
39.0 ±30%
0.5V / 10K
210
0.86
P7643-0603-270
27.0 ±30%
0.5V / 10K
142
1.05
0.73
P7643-0603-470
47.0 ±30%
0.5V / 10K
238
0.80
P7643-0603-680
P7643-0603-820
P7643-0603-560
56.0 ±30%
0.5V / 10K
277
68.0 ±30%
ETALDOC 10371/1
2 of 4
2012-09-12



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com