Electronic Components Datasheet Search
  English  ▼

X  

MB-6 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-6
Description  MicroAmp MB-6 Circuit Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-6 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-6 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Fits SOT-363 amplifier packages
• Input/Output blocking capacitors
• RF bypass and bias capacitors
• Dual bias resistors
• RF bias inductor
• RO-4350 board material
• Fits MicroAmp MH-series housings
ASSEMBLY
AMPLIFIER SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-6 Circuit Board
For Single-Bias SOT-363 Amplifiers
The MicroAmp MB-6 circuit board is designed for rapid prototyping of many different RF MMIC amplifiers in SOT-363 6-pin packages
that use a common RF output and bias pin from manufacturers such as Avago (AVT, MGA), RFMD (SGA), Triquint (AG), and others.
Check the specific part data sheet for device orientation since some manufacturers use different pin numbering. This board will fit the
MicroAmp MH series of connectorized housings that allow it to be used as a single amplifier stage or cascaded with other MicroAmp
boards for added versatility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible
ENIG plating (electroless nickel/immersion gold) on both the component side and the solid bottom ground plane. The board
measures 0.490" x 0.590" and mounts into the housing with four #1-72 screws. Amplifiers can be easily designed and assembled with
standard surface-mount passive components. It includes provisions for input and output DC blocking capacitors (0603), RF and bias
bypass capacitors (0603/0805), dual bias resistors for flexible thermal management (0805), and a RF bias inductor (0805 or 0603).
Pads for the RF connectors allow the SMA center pins to be easily soldered to the board after it is installed into the housing, as well
as a large pad to connect the completed board assembly to the bias feed-through.
REF
SIZE
FUNCTION
C1
0603
DC block
C2
0603
DC block
C3
0603
Bypass
C4
0603
Bypass
C5
0805
Bypass
R1
0805
DC bias
R2
0805
DC bias
L1
0805/0603
RF bias
U1
SOT-363
Amplifier
J1
Input
J2
Output
J3
Bias
FEATURES


Similar Part No. - MB-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results

Similar Description - MB-6

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
MicroAmp MB-7 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
MicroAmp MB-8 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
MicroAmp MB-9 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
MicroAmp MB-13 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
MicroAmp MB-14 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com