Electronic Components Datasheet Search
  English  ▼

X  

MB-7 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-7
Description  MicroAmp MB-7 Circuit Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-7 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-7 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Generic layout for passive networks
• Easily create lumped element filters,
equalizers, bias networks,
attenuators, etc.
• Up to three series elements
• Up to eight parallel elements
• Accommodates 0603/0805 parts
• RO-4350 board material
• Fits MicroAmp MH-series housings
ASSEMBLY
NETWORK SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-7 Circuit Board
For Passive Networks
The MicroAmp MB-7 circuit board is designed for rapid prototyping of passive networks such as filters, attenuators, equalizers, bias
tees, etc. Passive elements such as resistors, capacitors, and inductors can be combined in a variety of series and shunt configura-
tions. Networks can be easily designed and assembled with standard surface-mount passive components. It includes provisions for
three series elements and up to eight shunt elements in either 0603 or 0805 packages. This board will fit the MicroAmp MH series of
connectorized housings that allow it to be used as a single passive network or cascaded with other MicroAmp boards for added versa-
tility. Boards are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible ENIG plating (electroless
nickel/immersion gold) on both the component side and the solid bottom ground plane. The board measures 0.490" x 0.590" and
mounts into the housing with four #1-72 screws. Pads for the RF connectors allow the SMA center pins to be easily soldered to the
board after it is installed into the housing.
REF
SIZE
FUNCTION
S1-S3 0603/0805
Series element
P1-P8 0603/0805
Parallel element
J1
Input
J2
Output
FEATURES


Similar Part No. - MB-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results

Similar Description - MB-7

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
MicroAmp MB-6 Circuit Board
MB-8 ETC2-MB-8 Datasheet
1Mb / 1P
MicroAmp MB-8 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
MicroAmp MB-9 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
MicroAmp MB-13 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
MicroAmp MB-14 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com