Electronic Components Datasheet Search
  English  ▼

X  

MB-8 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB-8
Description  MicroAmp MB-8 Circuit Board
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MB-8 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB-8 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
• Fits Mini-Circuits LFCN, HFCN,
and BFCN filters in FV1206 package
• Lowpass, highpass, bandpass filters
• Many filters to choose from
• RO-4350 board material
• Fits MicroAmp MH-series housings
ASSEMBLY
FILTER SCHEMATIC
For additional product information, please visit www.twinind.com
Contact information: 925-866-8946 (phone) 925-866-8937 (fax) Sales@twinind.com
MicroAmp MB-8 Circuit Board
For Mini-Circuits LTCC Filters
The MicroAmp MB-8 circuit board is designed for rapid prototyping of microwave filters using the Mini-Circuits line of LFCN, HFCN,
and BFCN components in the FV1206 package. Filters from under 100 MHz to over 6 GHz can be quickly fabricated in lowpass,
highpass, or bandpass configurations. In addition, the MB-8 can be used to insert a series element with a standard 1206 surface
mount package such as a DC blocking capacitor or series resistor. This board will fit the MicroAmp MH series of connectorized
housings that allow it to be used as a single passive network or cascaded with other MicroAmp boards for added versatility. Boards
are fabricated from a high-performance 13 mil thick RO-4350 laminate with RoHS compatible ENIG plating (electroless
nickel/immersion gold) on both the component side and the solid bottom ground plane. The board measures 0.490" x 0.590" and
mounts into the housing with four or eight #1-72 screws. Mounting screws closer to the traces allow for better grounding with higher
frequency filters. Pads for the RF connectors allow the SMA center pins to be easily soldered to the board after it is installed into the
housing.
REF
SIZE
FUNCTION
FIL1
FV1206/1206 Filter or passive
J1
Input
J2
Output
FEATURES


Similar Part No. - MB-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-1 ETC2-MB-1 Datasheet
1Mb / 1P
Fits SOT-89 amplifier packages
logo
Premier Farnell Limited...
MB-1 DURATOOL-MB-1 Datasheet
165Kb / 2P
Multipurpose Boxes With Lids
14/01/12 V1.1
logo
KITAGAWA GmbH
MB-1 KGS-MB-1 Datasheet
400Kb / 1P
Mini cable clamp in a variety of shapes
logo
List of Unclassifed Man...
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
More results

Similar Description - MB-8

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MB-5 ETC2-MB-5 Datasheet
1Mb / 1P
MicroAmp MB-5 Circuit Board
MB-6 ETC2-MB-6 Datasheet
1Mb / 1P
MicroAmp MB-6 Circuit Board
MB-7 ETC2-MB-7 Datasheet
1Mb / 1P
MicroAmp MB-7 Circuit Board
MB-9 ETC2-MB-9 Datasheet
1Mb / 1P
MicroAmp MB-9 Circuit Board
MB-10 ETC2-MB-10 Datasheet
1Mb / 1P
MicroAmp MB-10 Circuit Board
MB-11 ETC2-MB-11 Datasheet
1Mb / 1P
MicroAmp MB-11 Circuit Board
MB-12 ETC2-MB-12 Datasheet
1Mb / 1P
MicroAmp MB-12 Circuit Board
MB-13 ETC2-MB-13 Datasheet
1Mb / 1P
MicroAmp MB-13 Circuit Board
MB-14 ETC2-MB-14 Datasheet
1Mb / 1P
MicroAmp MB-14 Circuit Board
MB-15 ETC2-MB-15 Datasheet
1Mb / 1P
MicroAmp MB-15 Circuit Board
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com