Electronic Components Datasheet Search
  English  ▼

X  

AEP080SI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP080SI
Description  ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP080SI Datasheet(HTML) 1 Page - Allied Components International

  AEP080SI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 3/31/09
SMD compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
All specifications subject to change without notice.
o
Electrical Specifications @25 C
SCHEMATICS
Unless otherwise specified all tolerances are:
0.25 in mm
Units:mm
YYWW
14.0max
12.7max
0.5
1.7
16.5max
19.0
14.0
1.0
1.7
11.9
11.9
3.4
3.4
5.1
3.4
3.4
5.1
SUGGESTED PAD LAYOUT
0.13
12 SURFACES
16
11
14
9
1
3
2
4
PRI
5
7
6
8
SEC
MECHANICAL
Part
Number
OCL
(10KHz,0.1V)
LL
(100KHz,0.1V)
Turns Ratio
(10KHz,0.1V)
16-9:1-4
(short 11-14,2-3)
16-9
(short 11-14)
16-9
( short11-14,1-2-3-4-5-6-7-8)
4.29:1
2%
2mH
5.8%
20uH max
16-9:5-8
(short 11-14,6-7)
1:1
2%
Continue
LB
THD
Hi-Pot
VAC
0.6
max
(1mA/6s)
2500
16-11
55dB min
DCR
(35KHz~650KHz)
(30KHz,3.162Vrms )
-90dB max
16-9
(short11-14,1-2-3-4-5-6-7-8)
20pF max
Cww
(100KHz,0.1V)
14-9
0.6
max
2-4
6-8
1-3
0.95
max
5-7
0.3
max
0.95
max
0.3
max
AEP080SI
ALLIED
AEP080SI


Similar Part No. - AEP080SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081SI ALLIED-AEP081SI Datasheet
430Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP082SI ALLIED-AEP082SI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP089SI ALLIED-AEP089SI Datasheet
359Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results

Similar Description - AEP080SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP001SI ALLIED-AEP001SI Datasheet
373Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP003SI ALLIED-AEP003SI Datasheet
361Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP004SI ALLIED-AEP004SI Datasheet
370Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP006SI ALLIED-AEP006SI Datasheet
374Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP007SI ALLIED-AEP007SI Datasheet
384Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP009SI ALLIED-AEP009SI Datasheet
380Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP017SI ALLIED-AEP017SI Datasheet
348Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP025SI ALLIED-AEP025SI Datasheet
380Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP045SI ALLIED-AEP045SI Datasheet
448Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP130SI ALLIED-AEP130SI Datasheet
446Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com