Electronic Components Datasheet Search
  English  ▼

X  

AEP090SI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP090SI
Description  ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP090SI Datasheet(HTML) 1 Page - Allied Components International

  AEP090SI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 3/31/09
SMD compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
All specifications subject to change without notice.
SCHEMATICS
1
5
4
2
6
9
7
PRI
SEC
Part
Number
OCL
(10KHz,0.1V)
DCR
Hi-Pot
VAC
Turns Ratio
(10KHz,0.1V)
(1mA/2S)
1.60:1
2%
2000
1-5:6-9(short 2-4)
1-5(short 2-4)
14.5mH
10%
90uH max
1-5( short 2-4,6-7-9)
LL
(100KHz,0.1V)
Cww
(100KHz,0.1V)
1-6( short 2-4)
100pF max
1-5(short 2-4)
6-9
Unless otherwise specified all tolerances are:
0.25 in mm
Units:mm
YYWW
13.5max
12.7max
0.7
2.5
14.0
18.0
1.3
17.5max
10.0
10.0
2.5
SUGGESTED PAD LAYOUT
0.13
10 SURFACES
o
Electrical Specifications @25 C
MECHANICAL
12
max
7.6
max
AEP090SI
ALLIED
AEP090SI


Similar Part No. - AEP090SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP092SI ALLIED-AEP092SI Datasheet
346Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP094SI ALLIED-AEP094SI Datasheet
366Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP099SI ALLIED-AEP099SI Datasheet
460Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results

Similar Description - AEP090SI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP001SI ALLIED-AEP001SI Datasheet
373Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP003SI ALLIED-AEP003SI Datasheet
361Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP004SI ALLIED-AEP004SI Datasheet
370Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP007SI ALLIED-AEP007SI Datasheet
384Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP009SI ALLIED-AEP009SI Datasheet
380Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP017SI ALLIED-AEP017SI Datasheet
348Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP025SI ALLIED-AEP025SI Datasheet
380Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP045SI ALLIED-AEP045SI Datasheet
448Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP080SI ALLIED-AEP080SI Datasheet
446Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
AEP130SI ALLIED-AEP130SI Datasheet
446Kb / 1P
ADSL LINE TRANSFORMER SURFACE MOUNT MAGNETICS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com