Electronic Components Datasheet Search
  English  ▼

X  

AD6426XB Datasheet(PDF) 34 Page - Analog Devices

Part # AD6426XB
Description  Enhanced GSM Processor
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6426XB Datasheet(HTML) 34 Page - Analog Devices

Back Button AD6426XB Datasheet HTML 30Page - Analog Devices AD6426XB Datasheet HTML 31Page - Analog Devices AD6426XB Datasheet HTML 32Page - Analog Devices AD6426XB Datasheet HTML 33Page - Analog Devices AD6426XB Datasheet HTML 34Page - Analog Devices AD6426XB Datasheet HTML 35Page - Analog Devices AD6426XB Datasheet HTML 36Page - Analog Devices AD6426XB Datasheet HTML 37Page - Analog Devices AD6426XB Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 50 page
background image
Preliminary Technical Information
AD6426
This Information applies to a product under development. Its characteristics and specifications are subject to change without notice. Analog Devices assumes no
obligation regarding future manufacture unless otherwise agreed to in writing. No responsibility is assumed by Analog Devices for its use; nor for any
infringements of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise under any patent or patent
rights of Analog Devices.
Revision Preliminary 2.3 (June 9, ´98)
- 34 -
Confidential Information
TIMING SPECIFICATION
Memory Interface
Parameter
Comment ( Timing for 3-state access, see Figure 15 )
Min
Max
Units
Timing Requirement
t10b
Control Processor read chip select to data valid
158
ns
t12b
Control Processor read address to data valid
162
ns
t17
Control Processor read enable to data valid
129
ns
t19
Control Processor data hold
0
ns
Switching Characteristic
t10a
Control Processor write chip select setup
10
ns
t11
Control Processor chip select hold
5
ns
t12a
Control Processor write address setup
10
ns
t13
Control Processor address hold
5
ns
t14
Control Processor write pulse width
111
ns
t15
Control Processor data setup
68
ns
t16
Control Processor data hold
15
ns
t18
Control Processor read pulse width
145
ns
WRITE
CS
ADD 15:0
HWR/LWR
DATA15:0
t
10a
READ
CS
ADD15:0
RD
DATA7:0
t
11
t
12a
t
13
t
14
t
15
t
16
t
10b
t
11
t
17
t
12b
t
13
t
19
t
18
Figure 15. Memory Interface Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com