Electronic Components Datasheet Search
  English  ▼

X  

AEP162DI Datasheet(PDF) 1 Page - Allied Components International

Part # AEP162DI
Description  ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International

AEP162DI Datasheet(HTML) 1 Page - Allied Components International

  AEP162DI Datasheet HTML 1Page - Allied Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
15
ALLIED COMPONENTS INTERNATIONAL
714-665-1140
www.alliedcomponents.com
RoHS
REVISED 4/01/09
Through Hole compact foot print design
Industrial operating temp: -40ºC to +85ºC
EN60950 Basic Insulation compliant 250Vrms
All specifications subject to change without notice.
1
4
2
5
10
6
9
7
PRI
SEC
Unless otherwise specified all tolerances are:
0.25 in mm
Units:mm
0.6
1
2
4
3
5
6
9
7
8
10
13.5max
14.0max
14.0max
10.16
2.54
0.9
3.5
YYWW
SUGGESTED PAD LAYOUT
PIN3 are removed
MECHANICAL
o
Electrical Specifications @25 C
SCHEMATICS
Part
Number
OCL
(10KHz,0.1V)
DCR
Hi-Pot
VAC
1.0
max
Turns Ratio
(10KHz,0.1V)
(1mA/2S)
1.6:1
2%
3000
1-4
1-5:10-6(short 2-4,9-7)
1-5(short 2-4)
410uH
5%
10uH max
1-5( short 2-4,6-7-9-10)
LL
(100KHz,0.1V)
2-5
9-6
10-7
0.45
0.35
Continue
Cww
(100KHz,0.1V)
1-10( short 2-4, 9-7)
25pF max
THD
30KHz,4.5V
-80dB max
LB
30KHz-650KHz
50dB min
1.0
max
max
ax
m
AEP162DI
ALLIED
AEP162DI


Similar Part No. - AEP162DI

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AEP16012 PANASONIC-AEP16012 Datasheet
230Kb / 8P
HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
AEP16024 PANASONIC-AEP16024 Datasheet
230Kb / 8P
HIGH VOLTAGE AND CURRENT CUT-OFF CAPACITY IN A COMPACT PACKAGE
More results

Similar Description - AEP162DI

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
AEP016DI ALLIED-AEP016DI Datasheet
351Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP025DI ALLIED-AEP025DI Datasheet
372Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP026DI ALLIED-AEP026DI Datasheet
353Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP028DI ALLIED-AEP028DI Datasheet
436Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP034DI ALLIED-AEP034DI Datasheet
403Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP081DI ALLIED-AEP081DI Datasheet
445Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP109DI ALLIED-AEP109DI Datasheet
481Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
AEP132DI ALLIED-AEP132DI Datasheet
385Kb / 1P
ADSL LINE TRANSFORMER THROUGH HOLE MAGNETICS
logo
Dongguan Xinkang Electr...
TDA002 TNK-TDA002 Datasheet
143Kb / 1P
ADSL Line Transformer Through Hole Magnetics
TDA082 TNK-TDA082 Datasheet
117Kb / 1P
ADSL Line Transformer Through Hole Magnetics
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com