Electronic Components Datasheet Search
  English  ▼

X  

AD6459 Datasheet(PDF) 5 Page - Analog Devices

Part # AD6459
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459 Datasheet(HTML) 5 Page - Analog Devices

  AD6459 Datasheet HTML 1Page - Analog Devices AD6459 Datasheet HTML 2Page - Analog Devices AD6459 Datasheet HTML 3Page - Analog Devices AD6459 Datasheet HTML 4Page - Analog Devices AD6459 Datasheet HTML 5Page - Analog Devices AD6459 Datasheet HTML 6Page - Analog Devices AD6459 Datasheet HTML 7Page - Analog Devices AD6459 Datasheet HTML 8Page - Analog Devices AD6459 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
AD6459
–5–
REV. 0
RF FREQUENCY – dB
20
6
50
450
100
150
200
250
300
350
400
18
14
12
10
8
16
RIN = 50Ω, IF = 13MHz
RIN = 50Ω, IF = 26MHz
RIN = 1kΩ, IF = 13MHz
RIN = 50Ω, F = 45MHz
RIN = 400Ω, IF = 13MHz
Figure 3. Mixer Noise Figure vs. RF Frequency
RF FREQUENCY – MHz
2000
800
0
50
550
100
150
200
250
300
350
400
450
500
1800
1000
600
200
1400
1200
400
1600
R SHUNT
VGAIN = 2.2V
C SHUNT
VGAIN = 0.2V
C SHUNT
VGAIN = 1.0V
R SHUNT
VGAIN = 0.2V
C SHUNT
VGAIN = 2.2V
5.0
4.8
4.6
4.4
4.2
4.0
3.8
3.6
3.4
3.2
3.0
Figure 4. Mixer Input Impedance vs. RF Frequency,
VPOS = 2.7 V, TA = +25
°C
RF FREQUENCY – MHz
20
–10
50
450
100
150
200
250
300
350
400
15
10
5
0
–5
VGAIN = 0.2V
VGAIN = 1.0V
VGAIN = 2.25V
Figure 5. Mixer Conversion Gain vs. RF Frequency,
TA = +25°C, VPOS = 2.7 V, VREF = 1.2 V, FIF = 26 MHz
RF FREQUENCY – MHz
20
–10
638
10
14
18
22
26
30
34
15
10
5
0
–5
VGAIN = 0.2V
VGAIN = 1.0V
VGAIN = 2.25V
42
46
Figure 6. Mixer Conversion Gain vs. IF Frequency,
TA = +25°C, VPOS = 2.7 V, VREF = 1.2 V, FRF = 250 MHz
TEMPERATURE –
°C
70
30
0
–50
90
–40
–20 –10
0
10
20
30
40
50
60
70 80
60
50
20
10
40
–30
AMP/DEMOD, VPOS = 2.7V
AMP/DEMOD, VPOS = 5.5V
MIXER, VPOS = 2.7V
MIXER, VPOS = 5.5V
Figure 7. Mixer Conversion Gain and IF Amplifier/
Demodulator Gain vs. Temperature, VGAIN = 0.2 V,
VREF = 1.2 V , FIF = 26 MHz, FRF = 250 MHz
GAIN VOLTAGE – Volts
–9
–10
–15
0
2.5
0.5
1
1.5
2
–11
–12
–13
–14
VPOS = 5.5V
TA = +85°C
VPOS = 5.5V
TA = +25°C
VPOS = 2.7V
TA = +25°C
VPOS = 2.7V
TA = –25°C
VPOS = 5.5V
TA = –45°C
Figure 8. Mixer Input 1 dB Compression Point vs.
VGAIN, VREF = 1.2 V, FRF = 250 MHz, FIF = 26 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com