Electronic Components Datasheet Search
  English  ▼

X  

AD6459ARS Datasheet(PDF) 11 Page - Analog Devices

Part # AD6459ARS
Description  GSM 3 V Receiver IF Subsystem
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6459ARS Datasheet(HTML) 11 Page - Analog Devices

Back Button AD6459ARS Datasheet HTML 4Page - Analog Devices AD6459ARS Datasheet HTML 5Page - Analog Devices AD6459ARS Datasheet HTML 6Page - Analog Devices AD6459ARS Datasheet HTML 7Page - Analog Devices AD6459ARS Datasheet HTML 8Page - Analog Devices AD6459ARS Datasheet HTML 9Page - Analog Devices AD6459ARS Datasheet HTML 10Page - Analog Devices AD6459ARS Datasheet HTML 11Page - Analog Devices AD6459ARS Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD6459
–11–
REV. 0
14
13
12
11
17
16
15
20
19
18
10
9
8
1
2
3
4
7
6
5
AD6459
FREF
IRXP
VPS2
FLTR
VPS1
COM1
PRUP
LOIP
QRXN
QRXP
IRXN
RFLO
RFHI
COM2
GREF
MXOP
MXOM
IFIP
IFIM
GAIN
R1
20k
Ω
VPOS
C1
0.1µF
C10 1nF
R8 1k
Ω
C11
0.1µF
C9
10nF
FREF
R9
50
Ω
R2
50
Ω
LOIP
RFHI
GREF
R3
50
Ω
C12
1nF
C4 1nF
C7
1nF
VPOS
IRXP
QRXN
QRXP
IRXN
GAIN
C2
1nF
C3
SHORT
C5
0.1µF
JUMPER
VPOS
R6
24.9k
Ω
R7
16.9k
Ω
L3
SHORT
C16
22pF
C15
110pF
L2
0.56µH
PRUP
GND
GREF
L4
SHORT
C17
22pF
Figure 27. Evaluation Board as Received with 19.5 MHz Filter
Table II. AD6459 Evaluation Board Input and Output Connection
Reference
Connector
Approximate
Designation
Type
Description
Coupling
Signal Level
Comments
RFHI
SMA
RF Input
AC
–11 dBm max
Input Is Terminated
in 50
Ω
LOIP
SMA
LO Input
AC
500 mV p-p max
Input Is Terminated
in 50
Ω
FREF
SMA
Demodulator Reference
AC
100 mV p-p min
Input Is Terminated
Input
in 50
Ω
MXOP
SMA
Mixer Output
NA
NA
Not Connected
for Unbalanced Output
Use XFMR
IFIP
SMA
IF Input
NA
NA
Not Connected
for Unbalanced Output
Use XFMR
J1
Jumper
On-Board GREF Bias
DC
0.4 VPOS
Two Resistors Divider
GREF
J2-1
External Reference Input
DC
1.2 V dc
Gain Scaling Reference
from External ADC
GAIN
J2-2
Gain Bias Input
DC
0.2 V to 2.4 V dc
Maw Gain at 0.2 V
QRXN
J2-3
Q-Negative Output
DC–2 MHz
NA
Z Series = 4.7 k
Ω
QRXP
J2-4
Q-Positive Output
DC–2 MHz
NA
Z Series = 4.7 k
Ω
IRXN
J2-5
I-Negative Output
DC-2 MHz
NA
Z Series = 4.7 k
Ω
IRXP
J2-6
I-Positive Output
DC-2 MHz
NA
Z Series = 4.7 k
Ω
VPOS
J2-7
Power Supply
DC
2.7 V to 5.5 V
Supply Voltage
Positive Input
PRUP
J2-8
Power Up
DC-2 MHz
CMOS
If Left Unconnected,
Board Is Active
GND
J2-J9
Ground
DC
0 V
NA
GND
J2-10
Ground
DC
0 V
NA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com