Electronic Components Datasheet Search
  English  ▼

X  

AD645B Datasheet(PDF) 7 Page - Analog Devices

Part # AD645B
Description  Low Noise, Low Drift FET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD645B Datasheet(HTML) 7 Page - Analog Devices

  AD645B Datasheet HTML 1Page - Analog Devices AD645B Datasheet HTML 2Page - Analog Devices AD645B Datasheet HTML 3Page - Analog Devices AD645B Datasheet HTML 4Page - Analog Devices AD645B Datasheet HTML 5Page - Analog Devices AD645B Datasheet HTML 6Page - Analog Devices AD645B Datasheet HTML 7Page - Analog Devices AD645B Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD645
–7–
REV. B
AD645
2
3
6
8
FILTERED
OUTPUT
OPTIONAL 26Hz
FILTER
PHOTODIODE
GUARD
OUTPUT
10pF
10
Ω
9
Figure 30. The AD645 Used as a Sensitive Preamplifier
Preamplifier Applications
The low input current and offset voltage levels of the AD645 to-
gether with its low voltage noise make this amplifier an excellent
choice for preamplifiers used in sensitive photodiode applica-
tions. In a typical preamp circuit, shown in Figure 30, the out-
put of the amplifier is equal to:
VOUT = ID (Rf) = Rp (P) Rf
where:
ID = photodiode signal current (Amps)
Rp = photodiode sensitivity (Amp/Watt)
Rf = the value of the feedback resistor, in ohms.
P = light power incident to photodiode surface, in watts.
An equivalent model for a photodiode and its dc error sources is
shown in Figure 31. The amplifier’s input current, IB, will con-
tribute an output voltage error which will be proportional to the
value of the feedback resistor. The offset voltage error, VOS, will
cause a “dark” current error due to the photodiode’s finite
shunt resistance, Rd. The resulting output voltage error, VE, is
equal to:
VE = (1 + Rf/Rd) VOS + Rf IB
A shunt resistance on the order of 10
9 ohms is typical for a
small photodiode. Resistance Rd is a junction resistance which
will typically drop by a factor of two for every 10
°C rise in tem-
perature. In the AD645, both the offset voltage and drift are
low, this helps minimize these errors.
PHOTODIODE
OUTPUT
10pF
10
Ω
9
ID
OS
V
IB
Rd
50pF
Cd
Cf
Rf
Figure 31. A Photodiode Model Showing DC Error
Sources
Minimizing Noise Contributions
The noise level limits the resolution obtainable from any pream-
plifier. The total output voltage noise divided by the feedback
resistance of the op amp defines the minimum detectable signal
current. The minimum detectable current divided by the photo-
diode sensitivity is the minimum detectable light power.
Sources of noise in a typical preamp are shown in Figure 32.
The total noise contribution is defined as:
V OUT =
in2 + i f 2 + is 2
Rf
1
+ s (Cf ) Rf


2
+ en
2
1
+
Rf
Rd
1
+ s (Cd ) Rd
1
+ s (Cf ) Rf




2
Figure 33, a spectral density versus frequency plot of each
source’s noise contribution, shows that the bandwidth of the
amplifier’s input voltage noise contribution is much greater than
its signal bandwidth. In addition, capacitance at the summing
junction results in a “peaking” of noise gain in this configura-
tion. This effect can be substantial when large photodiodes with
large shunt capacitances are used. Capacitor Cf sets the signal
bandwidth and also limits the peak in the noise gain. Each
source’s rms or root-sum-square contribution to noise is ob-
tained by integrating the sum of the squares of all the noise
sources and then by obtaining the square root of this sum. Mini-
mizing the total area under these curves will optimize the
preamplifier’s overall noise performance.
PHOTODIODE
OUTPUT
10
Ω
9
50pF
iS
iS
Rd
Cd
10pF
Cf
Rf
i f
in
en
Figure 32. Noise Contributions of Various Sources
FREQUENCY – Hz
100
1k
10k
100k
10
1
10nV
100nV
1
µV
10
µV
SIGNAL BANDWIDTH
NO FILTER
WITH FILTER
e n
is &if
in
en
Figure 33. Voltage Noise Spectral Density of the Circuit of
Figure 32 With and Without an Output Filter
An output filter with a passband close to that of the signal can
greatly improve the preamplifier’s signal to noise ratio. The pho-
todiode preamplifier shown in Figure 32—without a bandpass
filter—has a total output noise of 50
µV rms. Using a 26 Hz
single pole output filter, the total output noise drops to 23
µV
rms, a factor of 2 improvement with no loss in signal bandwidth.
Using a “T” Network
A “T” network, shown in Figure 34, can be used to boost the ef-
fective transimpedance of an I to V converter, for a given feed-
back resistor value. Unfortunately, amplifier noise and offset
voltage contributions are also amplified by the “T” network
gain. A low noise, low offset voltage amplifier, such as the
AD645, is needed for this type of application.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com