Electronic Components Datasheet Search
  English  ▼

X  

AD645C Datasheet(PDF) 5 Page - Analog Devices

Part # AD645C
Description  Low Noise, Low Drift FET Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD645C Datasheet(HTML) 5 Page - Analog Devices

  AD645C Datasheet HTML 1Page - Analog Devices AD645C Datasheet HTML 2Page - Analog Devices AD645C Datasheet HTML 3Page - Analog Devices AD645C Datasheet HTML 4Page - Analog Devices AD645C Datasheet HTML 5Page - Analog Devices AD645C Datasheet HTML 6Page - Analog Devices AD645C Datasheet HTML 7Page - Analog Devices AD645C Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD645
–5–
REV. B
0.1
1.0
10
0
COMMON MODE VOLTAGE – Volts
T
A = +25°C
V
S = ±15V
H PACKAGE
20
–15
–
10
–
5
–
510
15
Figure 16. Input Bias Current vs.
Common-Mode Voltage
10
5
05
10
COMMON MODE VOLTAGE – Volts
15
15
70
110
90
100
80
120
––
–
Figure 19. Common-Mode
Rejection vs. Input Common-Mode
Voltage
1.0
2.0
3.0
4.0
4.0
3.0
2.0
SUPPLY VOLTAGE – ±Volts
0
5
10
15
20
GAIN-BANDW IDTH
SLEW RATE
Figure 22. Gain-Bandwidth and
Slew Rate vs. Supply Voltage
100
1k
10k
100k
FREQUENCY – Hz
1M
10M
100
80
60
40
20
0
120
10
1
PSRR
+
PSRR
–
Figure 17. Power Supply Rejection
vs. Frequency
100
1k
10k
100k
FREQUENCY – Hz
1M
10M
10
0
20
40
60
80
100
110
20
–
45
–
90
–
135
–
180
–
GAIN
PHASE
Figure 20. Open-Loop Gain and
Phase Shift vs. Frequency
60
40
20
0
20
40
60
80
100
120 140
100
120
140
160
150
130
110
TEMPERATURE – C
––
–
V =
±15V
V =
±10V
RL = 2k
Ω
S
O
Figure 23. Open-Loop Gain vs.
Temperature
100
1k
10k
100k
FREQUENCY – Hz
1M
10M
100
80
60
40
20
0
120
10
1
Figure 18. Common-Mode
Rejection vs. Frequency
60
40
20
0
20
40
60
80
100
120
140
1.0
2.0
3.0
4.0
3.0
2.0
1.0
0
TEMPERATURE –
C
–––
GAIN-BANDWIDTH
SLEW RATE
Figure 21. Gain-Bandwidth Product
and Slew Rate vs. Temperature
35
30
25
20
15
10
5
0
FREQUENCY – Hz
1M
1k
10k
100k
Figure 24. Large Signal Frequency
Response



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com