Electronic Components Datasheet Search
  English  ▼

X  

AD647S Datasheet(PDF) 5 Page - Analog Devices

Part # AD647S
Description  Ultralow Drift, Dual BiFET Op Amp
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD647S Datasheet(HTML) 5 Page - Analog Devices

  AD647S Datasheet HTML 1Page - Analog Devices AD647S Datasheet HTML 2Page - Analog Devices AD647S Datasheet HTML 3Page - Analog Devices AD647S Datasheet HTML 4Page - Analog Devices AD647S Datasheet HTML 5Page - Analog Devices AD647S Datasheet HTML 6Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
AD647
REV. A
–5–
APPLICATION NOTES
The AD647 is fully specified under actual operating conditions
to insure high performance in any application, but there are some
steps that will improve on even this high level of performance.
The bias current of a JFET amplifier doubles with every 10
°C
increase in junction temperature. Any heat source that can be
eliminated or minimized will significantly improve bias current
performance. To account for normal power dissipation, the larg-
est contributor to chip self-heating, the bias currents of the
AD647 are guaranteed fully warmed up with
±15 V supplies. A
decrease in supply voltage will decrease power consumption,
resulting in a corresponding drop in bias currents.
Open loop gain and bias currents, to some extent, are affected
by output loading. In applications where high linearity is essen-
tial, load impedance should be kept as high as possible to mini-
mize degradation of open loop gain.
The outstanding ac and dc performance of the AD647 make it
an ideal choice for critical instrumentation applications. In such
applications, leakage paths, line losses and external noise
sources should be considered in the layout of printed circuit
boards. A guard ring surrounding the inputs and connected to a
low impedance potential (at the same level as the inputs) should
be placed on both sides of the circuit board. This will eliminate
leakage paths that could degrade bias current performance. All
signal paths should be shielded to minimize noise pickup.
Figure 23. AD647 Used as DAC Output Amplifier
A CMOS DAC AMPLIFIER
The output impedance of a CMOS DAC, such as the AD7541,
varies with digital input code. This causes a corresponding
variation in the noise gain of the DAC-amplifier combination.
This noise gain modulation introduces a nonlinearity whose
magnitude is dependent on the amount of offset voltage present.
Laser wafer drift trimming lowers the initial offset voltage and
the offset voltage drift of the AD647, therefore minimizing the
effect of this nonlinearity and its drift with temperature. This, in
conjunction with the low bias current and high open loop gain,
makes the AD647 ideal for DAC output amplifier applications.
THE AD647 USED WITH THE AD7546
Figure 24 shows the AD647 used with the AD7546 16-bit
segment DAC. In this application, amplifier performance is
critical to the overall performance of the AD7546. A1 is used as
a dual precision buffer. Here the offset voltage match, low offset
voltage and high open loop gain of the AD647 ensure monoto-
nicity and high linearity over the entire operating temperature
range. A2 serves a dual function amplifier A is a Track and
Hold circuit that deglitches the DAC output and amplifier B
acts as an output amplifier. The performance of the amplifiers
of A2 is crucial to the accuracy of the system. The errors of
these amplifiers are added to the errors due strictly to DAC im-
perfections. For this reason great care should be used in the se-
lection of these amplifiers. The matching characteristics, low
bias current and low temperature coefficients of the AD647
make it ideal for this application.
Figure 24. AD647 Used with AD7546 16-Bit DAC
USING THE AD647 IN LOG AMPLIFIER APPLICATIONS
Log amplifiers or log ratio amplifiers are useful in a wide range
of analog computational applications, ranging from the simple
linearization of exponential transducer outputs to the use of
logarithms in computations involving multi-term products or ar-
bitrary exponents. Log amps also facilitate the compression of
wide ranging analog input signals into a range that can be easily
handled using standard circuit techniques.
Figure 25. Log-Ratio Amplifier



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com