Electronic Components Datasheet Search
  English  ▼

X  

AD652JP Datasheet(PDF) 12 Page - Analog Devices

Part # AD652JP
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652JP Datasheet(HTML) 12 Page - Analog Devices

Back Button AD652JP Datasheet HTML 8Page - Analog Devices AD652JP Datasheet HTML 9Page - Analog Devices AD652JP Datasheet HTML 10Page - Analog Devices AD652JP Datasheet HTML 11Page - Analog Devices AD652JP Datasheet HTML 12Page - Analog Devices AD652JP Datasheet HTML 13Page - Analog Devices AD652JP Datasheet HTML 14Page - Analog Devices AD652JP Datasheet HTML 15Page - Analog Devices AD652JP Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD652
REV. B
–12–
Figure 21. SVFC Multiplexer
Figure 22. RS-422 Standard Data Transmission
the output with an external transistor. The width of this sync
pulse is shorter than the width of the frequency output pulses to
facilitate decoding the signal. The RC lag network on the input
of the one-shot provides a slight delay between the rising edge
of the clock and the sync pulse in order to match the 150 ns
delay of the AD652 between the rising edge of the clock and
the output pulse.
Transmitter
The multiplex signal can be transmitted in any manner suitable
to the task at hand. A pulse transformer or an opto-isolator can
provide galvanic isolation; extremely high voltage isolation or
transmission through severe RF environments can be accom-
plished with a fiber-optic link; telemetry can be accomplished
with a radio link. The circuit shown in Figure 22 uses an EIA
RS-422 standard for digital data transmission over a balanced
line. Figure 24 shows the waveforms of the four clock phases
and the multiplex output signal. Note that the sync pulse is
present every clock cycle, but the data pulses are no more fre-
quent than every other clock cycle since the maximum output
frequency from the SVFC is half the clock frequency. The clock
frequency used in this circuit is 819.2 kHz and will provide
more than 16 bits of resolution if 100 millisecond gate time is
allowed for counting pulses of the decoded output frequencies.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com