Electronic Components Datasheet Search
  English  ▼

X  

AD652AQ Datasheet(PDF) 14 Page - Analog Devices

Part # AD652AQ
Description  Monolithic Synchronous Voltage-to-Frequency Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD652AQ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD652AQ Datasheet HTML 8Page - Analog Devices AD652AQ Datasheet HTML 9Page - Analog Devices AD652AQ Datasheet HTML 10Page - Analog Devices AD652AQ Datasheet HTML 11Page - Analog Devices AD652AQ Datasheet HTML 12Page - Analog Devices AD652AQ Datasheet HTML 13Page - Analog Devices AD652AQ Datasheet HTML 14Page - Analog Devices AD652AQ Datasheet HTML 15Page - Analog Devices AD652AQ Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD652
REV. B
–14–
Figure 26. Demultiplexer Frequency-to-Voltage Conversion
Figure 27. Isolated Synchronous VFC
Analog Signal Reconstruction
If it is desired to reconstruct the analog voltages from the multi-
plex signal, then three more AD652 SVFC devices are used as
frequency-to-voltage converters, as shown in Figure 26. The
comparator inputs of all the devices are strapped together, and
the “+” inputs are held at a 1.2 volt TTL threshold, while the
“–” inputs are driven by the multiplex input. The three clock
inputs are driven by the
φ outputs of the clock chip. Remember
that data at the comparator input of the SVFC is loaded on the
falling edge of the clock signal and shifted out on the next rising
edge. Note that the frequency signals for each data channel are
available at the frequency output pin of each FVC.
ISOLATED FRONT END
In some applications it may be necessary to have complete
galvanic isolation between the analog signals being measured and
the digital portions of the circuit. The circuit shown in Figure
27 runs off a single 5 volt power supply and provides a self-
contained, completely isolated analog measurement system. The
power for the AD652 SVFC is provided by a chopper and a
transformer, and is regulated to
±15 volts.
Both the chopper frequency and the AD652 clock frequency are
125 kHz, with the clock signal being relayed to the SVFC through
the transformer. The frequency output signal is relayed through



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com