Electronic Components Datasheet Search
  English  ▼

X  

CS5490 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS5490
Description  Two Channel Energy Measurement IC
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APEX [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo APEX - Cirrus Logic

CS5490 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS5490 Datasheet HTML 48Page - Cirrus Logic CS5490 Datasheet HTML 49Page - Cirrus Logic CS5490 Datasheet HTML 50Page - Cirrus Logic CS5490 Datasheet HTML 51Page - Cirrus Logic CS5490 Datasheet HTML 52Page - Cirrus Logic CS5490 Datasheet HTML 53Page - Cirrus Logic CS5490 Datasheet HTML 54Page - Cirrus Logic CS5490 Datasheet HTML 55Page - Cirrus Logic CS5490 Datasheet HTML 56Page - Cirrus Logic  
Zoom Inzoom in Zoom Outzoom out
 54 / 56 page
background image
CS5490
54
DS982F2
8. BASIC APPLICATION CIRCUITS
The CS5490 is configured to measure power in a
single-phase, two-wire single voltage and current
system, as illustrated in Figure 21. In this diagram, a
current transformer (CT) is used to sense the line load
current, and a resistive voltage divider is used to sense
the line voltage.
CT
CS5490
Line
N
VIN-
VIN+
IIN+
IIN-
Application
Processor
RESET
RX
TX
GNDA
DO
VDDA
+3.3V
0.1µF
0.1µF
+3.3V
VDDD
+3.3V
VREF-
VREF+
0.1µF
Wh
4.096 MHz
XIN
XOUT
1K
MODE
5 x250K
1K
LOA D
0.1 µF
10K
+3.3V
27nF
27nF
1K
1K
½ R BURDEN
½ R BURDEN
27nF
27nF
Figure 21. Typical Connection Diagram (Single-phase, Two-wire, Power Meter)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com