Electronic Components Datasheet Search
  English  ▼

X  

AD6640 Datasheet(PDF) 7 Page - Analog Devices

Part # AD6640
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD6640 Datasheet HTML 3Page - Analog Devices AD6640 Datasheet HTML 4Page - Analog Devices AD6640 Datasheet HTML 5Page - Analog Devices AD6640 Datasheet HTML 6Page - Analog Devices AD6640 Datasheet HTML 7Page - Analog Devices AD6640 Datasheet HTML 8Page - Analog Devices AD6640 Datasheet HTML 9Page - Analog Devices AD6640 Datasheet HTML 10Page - Analog Devices AD6640 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
REV. 0
–7–
REV. 0
–7–
Equivalent Circuits–AD6640
450
BUF
T/H
BUF
450
BUF
T/H
AIN
AIN
VREF
AVCC
VCH
AVCC
VCH
VCL
VCL
Figure 2. Analog Input Stage
AVCC
AVCC
TIMING
CIRCUITS
R2
8k
R2
8k
R1
17k
R1
17k
ENCODE
ENCODE
AVCC
Figure 3. Encode Inputs
AVCC
AVCC
C1
CURRENT
MIRROR
VREF
AVCC
Figure 4. Compensation Pin, C1
VREF
DVCC
DVCC
CURRENT
MIRROR
D0–
D11
CURRENT
MIRROR
Figure 5. Digital Output Stage
VREF
AVCC
0.5mA
2.4V
AVCC
Figure 6. 2.4 V Reference
N
DIGITAL OUTPUTS
(
D11–D0)
N – 1
N – 2
tA
N + 1
tOD
ANALOG
INPUTS
ENCODE INPUTS
(ENCODE)
N
AIN
AIN
Figure 1. Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com