Electronic Components Datasheet Search
  English  ▼

X  

B82733 Datasheet(PDF) 2 Page - EPCOS

Part # B82733
Description  Frame Core Chokes
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B82733 Datasheet(HTML) 2 Page - EPCOS

  B82733 Datasheet HTML 1Page - EPCOS B82733 Datasheet HTML 2Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
n
Rated current: IR at 50 Hz and TA = 40 °C
n
Rated voltage: 250 V AC
n
Clearance and creepage distances: > 3 mm
n
Lead spacing: 22.5 x 20.0 ±0.2 mm
n
Climatic category 40/125/56 (to IEC 60068-1)
n
Excellent differential-mode suppression
Contact at product marketing: uwe.ernst@epcos.com
E
IND0405-5-
26.5 max.
0.7
24.8 max.
Pin 1 marking
Frame Core Chokes for Power Lines
_
5
IND0406-L-E
3
2
ø1.5
+0.1
0.05
22.
Layout recommendation
(top view)
© EPCOS AG 2008
Sample kit ordering code: B82733X-1
Series B82733F*B001
LR +30/–50%
mH
10
15
27
39
47
68
100
lR typ
A
2.3
1.9
1.4
1.2
1.1
0.9
0.7
Lstray typ
µH
200
310
530
800
970
1440
2100
Rtyp
mV
188
279
440
696
804
1100
1810
Ordering code
B82733
B82733
B82733
B82733
B82733
B82733
B82733
F2232B001
F2192B001
F2142B001
F2122B001
F2112B001
F2901B001
F2701B001
Rated inductance LR: measured at 10 kHz, 0.1 mA, 20 °C



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com