| Electronic Components Datasheet Search |
|
AD6644 Datasheet(PDF) 12 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD6644 Datasheet(HTML) 12 Page - Analog Devices |
|
12 / 19 page ![]() AD6644 –12– REV. 0 THEORY OF OPERATION The AD6644 analog-to-digital converter (ADC) employs a three stage subrange architecture. This design approach achieves the required accuracy and speed while maintaining low power and small die size. As shown in the functional block diagram, the AD6644 has complementary analog input pins, AIN and AIN . Each analog input is centered at 2.4 V and should swing ± 0.55 V around this reference (Figure 2). Since AIN and AIN are 180 degrees out of phase, the differential analog input signal is 2.2 V peak- to-peak. Both analog inputs are buffered prior to the first track-and-hold, TH1. The high state of the ENCODE pulse places TH1 in hold mode. The held value of TH1 is applied to the input of a 5-bit coarse ADC1. The digital output of ADC1 drives a 5-bit digital- to-analog converter, DAC1. DAC1 requires 14 bits of precision which is achieved through laser trimming. The output of DAC1 is subtracted from the delayed analog signal at the input of TH3 to generate a first residue signal. TH2 provides an analog pipe- line delay to compensate for the digital delay of ADC1. The first residue signal is applied to a second conversion stage consisting of a 5-bit ADC2, 5-bit DAC2, and pipeline TH4. The second DAC requires 10 bits of precision which is met by the process with no trim. The input to TH5 is a second residue signal generated by subtracting the quantized output of DAC2 from the first residue signal held by TH4. TH5 drives a final 6-bit ADC3. The digital outputs from ADC1, ADC2, and ADC3 are added together and corrected in the digital error correction logic to generate the final output data. The result is a 14-bit parallel digital CMOS-compatible word, coded as two's complement. APPLYING THE AD6644 Encoding the AD6644 The AD6644 encode signal must be a high quality, extremely low phase noise source to prevent degradation of performance. Main- taining 14-bit accuracy places a premium on encode clock phase noise. SNR performance can easily degrade by 3 dB to 4 dB with 70 MHz input signals when using a high-jitter clock source. See Analog Devices’ Application Note AN-501, “Aperture Uncer- tainty and ADC System Performance” for complete details. For optimum performance, the AD6644 must be clocked differentially. The encode signal is usually ac-coupled into the ENCODE and ENCODE pins via a transformer or capacitors. These pins are biased internally and require no additional bias. Shown below is one preferred method for clocking the AD6644. The clock source (low jitter) is converted from single-ended to differential using an RF transformer. The back-to-back Schottky diodes across the transformer secondary limit clock excursions into the AD6644 to approximately 0.8 V p-p differential. This helps prevent the large voltage swings of the clock from feeding through to the other portions of the AD6644, and limits the noise presented to the ENCODE inputs. A crystal clock oscillator can also be used to drive the RF transformer if an appropriate limiting resistor (typically 100 Ω) is placed in the series with the primary. ENCODE ENCODE AD6644 T1–4T HSMS2812 DIODES CLOCK SOURCE 0.1 F 100 Figure 25. Crystal Clock Oscillator – Differential Encode If a low jitter ECL/PECL clock is available, another option is to ac-couple a differential ECL/PECL signal to the encode input pins as shown below. A device that offers excellent jitter performance is the MC100LVEL16 (or same family) from Motorola. ENCODE ENCODE AD6644 0.1 F 0.1 F VT VT ECL/ PECL Figure 26. Differential ECL for Encode Analog Input As with most new high-speed, high dynamic range analog-to- digital converters, the analog input to the AD6644 is differential. Differential inputs allow much improvement in performance on-chip as signals are processed through the analog stages. Most of the improvement is a result of differential analog stages having high rejection of even order harmonics. There are also benefits at the PCB level. First, differential inputs have high common- mode rejection to stray signals such as ground and power noise. Also, they provide good rejection to common-mode signals such as local oscillator feedthrough. The AD6644 input voltage range is offset from ground by 2.4 V. Each analog input connects through a 500 Ω resistor to a 2.4 V bias voltage and to the input of a differential buffer (Figure 2). The resistor network on the input properly biases the followers for maxi- mum linearity and range. Therefore, the analog source driving the AD6644 should be ac-coupled to the input pins. Since the differ- ential input impedance of the AD6644 is 1 k Ω, the analog input power requirement is only –2 dBm, simplifying the driver amplifier in many cases. To take full advantage of this high-input imped- ance, a 20:1 transformer would be required. This is a large ratio and could result in unsatisfactory performance. In this case, a lower step-up ratio could be used. The recommended method for driving the analog input of the AD6644 is to use a 4:1 RF trans- former. For example, if RT were set to 60.4 Ω and RS were set to 25 Ω, along with a 4:1 transformer, the input would match to a 50 Ω source with a full-scale drive of 4.8 dBm. Series resis- tors (RS) on the secondary side of the transformer should be used to isolate the transformer from A/D. This will limit the amount of dynamic current from the A/D flowing back into the secondary of the transformer. The terminating resistor (RT) should be placed on the primary side of the transformer. AIN AIN AD6644 T1–4T ANALOG INPUT SIGNAL RS RS 0.1 F RT Figure 27. Transformer-Coupled Analog Input Circuit |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |