Electronic Components Datasheet Search
  English  ▼

X  

AD6640ST Datasheet(PDF) 14 Page - Analog Devices

Part # AD6640ST
Description  12-Bit, 65 MSPS IF Sampling A/D Converter
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD6640ST Datasheet(HTML) 14 Page - Analog Devices

Back Button AD6640ST Datasheet HTML 10Page - Analog Devices AD6640ST Datasheet HTML 11Page - Analog Devices AD6640ST Datasheet HTML 12Page - Analog Devices AD6640ST Datasheet HTML 13Page - Analog Devices AD6640ST Datasheet HTML 14Page - Analog Devices AD6640ST Datasheet HTML 15Page - Analog Devices AD6640ST Datasheet HTML 16Page - Analog Devices AD6640ST Datasheet HTML 17Page - Analog Devices AD6640ST Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
AD6640
–14–
REV. 0
The analog input range of the PCB is
±0.5 volts (i.e., signal ac-
coupled to AD6640).
The encode signal may be generated using an onboard crystal
oscillator, U1. The oscillator is socketed and may be replaced
by an external encode source via J1. If an external source is
used, it should be a high quality TTL source. A transformer
converts the single-ended TTL signal to a differential clock (see
Encoding the AD6640). Since the encode is coupled with a
transformer, a sine wave could have been used; note, however,
that U5 requires TTL levels to function properly.
Table I. AD6640ST/PCB Bill of Material
Item
Quantity
Reference
Description
1
2
+5 VA, GND
Banana Jack
2
11
C7–C9, C11–C17, C19
Ceramic Chip Capacitor 0805, 0.1
µF
3
2
C4, C6
Tantalum Chip Capacitor 10
µF
4
1
J3
40-Pin Double Row Male Header
5
3
J1, J2, J4
BNC Coaxial PCB Connector
6
1
R1
Surface Mount Resistor 1206, 348
Ω
7
25
R2–R14, R20–R25, R30–R35
Surface Mount Resistor 1206, 348
Ω
8
1
R15
Surface Mount Resistor 1206, 100
Ω
9
1
R16
Surface Mount Resistor 1206, 270
Ω
10
2
T1, T2
Surface Mount Transformer Mini-Circuits T4–1T, 1:4 Ratio
11
1
U1
Clock Oscillator (Optional)
12
1
DUT
AD6640AST 12-Bit–65 MSPS ADC Converter
13
2
U3, U4
74LCX574 Octal Latch
14
1
U5
74LVQ00 Quad Two Input NAND Gate
15
1
C1, C18
Ceramic Chip Capacitor 0508, 0.01
µF Low Inductance
16
2
C2, C3
Ceramic Chip Capacitor 0508, 0.1
µF Low Inductance
17
2
CR1, CR2
1N2810 Schottky Diode
AD6640 output data is latched using 74LCX574 (U3, U4)
latches following 348 ohm series resistors. The resistors limit
the current that would otherwise flow due to the digital output
slew rate. The resistor value was chosen to represent a time
constant of ~25% of the data rate at 65 MHz. This reduces slew
rate while not appreciably distorting the data waveform. Data is
latched in a pipeline configuration; a rising edge generates the
new AD6640 data sample, latches the previous data at the con-
verter output, and strobes the external data register over J3.
NOTE: Power and ground must be applied to J3 to power the
digital logic section of the evaluation board.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com