Electronic Components Datasheet Search
  English  ▼

X  

AD668 Datasheet(PDF) 4 Page - Analog Devices

Part # AD668
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD668 Datasheet(HTML) 4 Page - Analog Devices

  AD668 Datasheet HTML 1Page - Analog Devices AD668 Datasheet HTML 2Page - Analog Devices AD668 Datasheet HTML 3Page - Analog Devices AD668 Datasheet HTML 4Page - Analog Devices AD668 Datasheet HTML 5Page - Analog Devices AD668 Datasheet HTML 6Page - Analog Devices AD668 Datasheet HTML 7Page - Analog Devices AD668 Datasheet HTML 8Page - Analog Devices AD668 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
AD668
REV. A
–4–
ORDERING GUIDE
Linearity
Voltage
Temperature
Error Max
Gain T.C.
Package
Model
1
Range
@ 25
°C
Max ppm/
°C
Option
2
AD668JQ
0
°C to +70°C
±1/2
±30
Q-24
AD668KQ
0
°C to +70°C
±1/4
±15
Q-24
AD668AQ
–40
°C to +85°C
±1/2
±30
Q-24
AD668SQ
–55
°C to +125°C ±1/2
±40
Q-24
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the
Analog Devices Military Products Databook or current AD668/883B data sheet.
2Q = Cerdip.
DEFINITIONS
LINEARITY ERROR (also called INTEGRAL NONLINEAR-
ITY OR INL): Analog Devices defines linearity error as the
maximum deviation of the actual analog output from the ideal
output (a straight line drawn from 0 to FS) for any bit combina-
tion expressed in multiples of 1 LSB. The AD668 is laser
trimmed to 1/4 LSB (0.006% of FS) maximum linearity error at
+25
°C for the K version and 1/2 LSB for the J and S versions.
DIFFERENTIAL LINEARITY ERROR (also called DIFFER-
ENTIAL NONLINEARITY or DNL): DNL is the measure of
the variation in the analog output, normalized to fun scale, asso-
ciated with a 1 LSB change in digital input code.
MONOTONICITY: A DAC is said to be monotonic if the out-
put either increases or remains constant as the digital input in-
creases. Monotonic behavior requires that the differential
linearity error not exceed 1 LSB in the negative direction.
UNIPOLAR OFFSET ERROR (DAC OFFSET): The DAC
offset is the portion of the DAC output that is independent of
the digital input. The unipolar DAC offset error is measured as
the deviation of the analog output from the ideal (0 V or 0 mA)
when the analog input is set to 100% and the digital inputs are
set to all 0s.
BIPOLAR OFFSET ERROR: The deviation of the analog out-
put from the ideal (negative half-scale) when the DAC is con-
nected in the bipolar mode (Pin 16 connected to Pin 20), the
analog input is set to 100%, and the digital inputs are set to all
0s is called the bipolar offset error.
BIPOLAR ZERO ERROR: The deviation of the analog output
from the ideal (0 V or 0 mA) for bipolar mode when only the
MSB is on (100 . . . 00) is called bipolar zero error.
COMPLIANCE VOLTAGE: The allowable voltage excursion
at the output node of a DAC which will not degrade the accu-
racy of the DAC output.
SETTLING TIME (DIGITAL CHANNEL): The time re-
quired for the output to reach and remain within a specified
error band about its final value, measured from the digital input
transition.
SETTLING TIME (ANALOG CHANNEL): The time re-
quired for the output to reach and remain within a specified er-
ror band about its final value, measured from the analog input’s
crossing of it’s 50% value.
GAIN ERROR: The difference between the ideal and actual
output span of FS – 1 LSB, expressed either in % of FS or LSB,
when all bits are on is called the gain error.
PIN CONFIGURATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com