Electronic Components Datasheet Search
  English  ▼

X  

AD670 Datasheet(PDF) 11 Page - Analog Devices

Part # AD670
Description  Low Cost Signal Conditioning 8-Bit ADC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD670 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD670 Datasheet HTML 4Page - Analog Devices AD670 Datasheet HTML 5Page - Analog Devices AD670 Datasheet HTML 6Page - Analog Devices AD670 Datasheet HTML 7Page - Analog Devices AD670 Datasheet HTML 8Page - Analog Devices AD670 Datasheet HTML 9Page - Analog Devices AD670 Datasheet HTML 10Page - Analog Devices AD670 Datasheet HTML 11Page - Analog Devices AD670 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
AD670
REV. A
–11–
Figure 17. Low Cost Sample-and-Hold Circuit for AD670
Since settling to 1/2 LSB at 8-bits of resolution requires 6.2 RC
time constants, the 500 pF hold capacitors and CD4066’s 300
Ω
on-resistance yield an acquisition time of under 1
µs, assuming a
low impedance source.
This sample/hold approach makes use of the differential capa-
bilities of the AD670. Because 500 pF hold capacitors are used
on both VIN+ and VIN– inputs, the droop rate depends only on
the offset current of the AD670, typically 20 nA. With the
matched 500 pF capacitors, the droop rate is 40
µV/µs. The in-
put will then droop only 0.4 mV (0.4 LSB) during the AD670’s
10
µs conversion time. The differential approach also minimizes
pedestal error since only the difference in charge injection be-
tween the two switches results in errors at the A/D.
The fast conversion time and differential and common-mode ca-
pabilities of the AD670 permit this simple sample-hold design
to perform well with low sample-to-hold offset, droop rate of
about 40
µV/µs and acquisition time under 1 µs. The effective
aperture time of the AD670 is reduced by about 2 orders of
magnitude with this circuit, allowing frequencies to be con-
verted up to several kilohertz.
While no input anti-aliasing filter is shown, filtering will be nec-
essary to prevent output errors if higher frequencies are present
in the input signal. Many practical variations are possible with
this circuit, including input MUX control, for digitizing a num-
ber of ac channels.
IBM PC INTERFACE
The AD670 appears in Figure 18 interfaced to the IBM PC.
Since the device resides in I/O space, its address is decoded
from only the lower ten address lines and must be gated with
AEN (active low) to mask out internal (DMA) cycles which use
the same I/O address space. This active low signal is applied to
CS
. AO, meanwhile, is reserved for the R/W input. This places
the AD670 in two adjacent addresses; one for starting the con-
version and the other for reading the result. The IOR and IOW
signals are then gated and applied to CE, while the lower two
data lines are applied to FORMAT and BPO/UPO inputs to
provide software programmable input formats and output
coding.
In BASIC, a simple OUT ADDR, WORD command initiates a
conversion. While the upper six bits of the data WORD are
meaningless, the lower two bits define the analog input format
and digital output coding according to Table IV. The data is
available ten microseconds later (which is negligible in BASIC)
and can be read using INP (ADDR + 1). The 3-line subroutine
in Figure 19, used in conjunction with the interface of Figure
18, converts an analog input within a bipolar range to an offset
binary coded digital word.
Figure 18. IBM PC lnterface to AD670
NOTE: Due to the large number of options that may be in-
stalled in the PC, the I/O bus loading should be limited to one
Schottky TTL load. Therefore, a buffer/driver should be used
when interfacing more than two AD670s to the I/O bus.
Table IV.
Data
Input Format
Output Coding
0
Unipolar
Straight Binary
1
Bipolar
Offset Binary
2
Unipolar
2s Complement
3
Bipolar
2s Complement
10
OUT & H310,1
’INITIATE CONVERSION
20
ANALOGIN = INP (&H311)
’READ ANALOG INPUT
30
RETURN
Figure 19. Conversion Subroutine



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com