Electronic Components Datasheet Search
  English  ▼

X  

AD668A Datasheet(PDF) 10 Page - Analog Devices

Part # AD668A
Description  12-Bit Ultrahigh Speed Multiplying D/A Converter
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD668A Datasheet(HTML) 10 Page - Analog Devices

Back Button AD668A Datasheet HTML 6Page - Analog Devices AD668A Datasheet HTML 7Page - Analog Devices AD668A Datasheet HTML 8Page - Analog Devices AD668A Datasheet HTML 9Page - Analog Devices AD668A Datasheet HTML 10Page - Analog Devices AD668A Datasheet HTML 11Page - Analog Devices AD668A Datasheet HTML 12Page - Analog Devices AD668A Datasheet HTML 13Page - Analog Devices AD668A Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
AD668
REV. A
–10–
Figure 11. AD586 Driving the AD668
mode (Pin 22 grounded, input into Pin 21). Fine adjustment of
the gain is provided by both the AD586 external trim resistor
and the 100
Ω potentiometer in series with the reference input.
The resistive divider at the reference input will draw approxi-
mately 1 mA from the AD586, leaving plenty of driving current
for other loads in the system.
AC HOOKUP: 1.25 V AC FULL SCALE, 2.5 V DC FULL
SCALE
The circuit shown in Figure 12 allows separate setting of dc ref-
erence bias point on a 2.5 V scale and capacitively coupled ac
signal on a 1.25 V scale. The basic reference input is configured
in the 1.25 V mode (Pin 21 grounded, Pin 22 used as the refer-
ence input.) The 2.5 V dc range is achieved by using an external
Table II. AD668 Topology Variations
OUTPUT LEVELS
Nominal
Analog
Input
0 V to 1 V
–500 mV to +500 mV
0 V to –10 V
+5 V to –5 V
–1 V to +1 V
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
1 V
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
AIN = Pins 21 + 22
External Amplifier
External Amplifier
RL (Pin 19) Tied
(See Figure 10)
To IOUT (Pin 20)
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
1.25 V
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
AIN = Pin 22
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
Pin 21 Grounded
(See Figure 8)
External Amplifier
External Amplifier
RL (Pin 19) Tied
To IOUT (Pin 20)
Unipolar
Bipolar
Unipolar
Bipolar
Bipolar
Unbuffered VOUT
Unbuffered VOUT
Buffered VOUT
Buffered VOUT
Unbuffered VOUT
5 V
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
AIN = Pin 21
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
Pin 22 Grounded
(See Figure 7)
External Amplifier
External Amplifier
RL (Pin 19) Tied
To IOUT (Pin 20)
(See Figure 9)
5k series resistor in the dc path. Note that because of the rela-
tively wide tolerance (
±20%) in the absolute value of the
AD668’s internal input divider resistors, substantial gain range
adjustment should be provided in the external series resistance.
Figure 12. AC Hookup
DAC DRIVE: THE AD568 DRIVING THE AD668
The circuit shown in Figure 13 produces an analog output pro-
portional to the product of two digital inputs. The AD568 has
an on-board fixed reference and generates a full-scale output
voltage of 1.024 V (just as the AD668 does in its unbuffered
voltage output mode). This output voltage can be used to di-
rectly drive the AD668 in the 1 V reference input mode. Note
that in this case, the lower 410 codes of the AD568 are out-of-
bounds; they produce an undervoltage condition at the AD668



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com