Electronic Components Datasheet Search
  English  ▼

X  

MJD112 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MJD112
Description  SILICON POWER TRANSISTORS 2 AMPERES 100 VOLTS 20 WATTS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJD112 Datasheet(HTML) 3 Page - Motorola, Inc

  MJD112 Datasheet HTML 1Page - Motorola, Inc MJD112 Datasheet HTML 2Page - Motorola, Inc MJD112 Datasheet HTML 3Page - Motorola, Inc MJD112 Datasheet HTML 4Page - Motorola, Inc MJD112 Datasheet HTML 5Page - Motorola, Inc MJD112 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MJD112 MJD117
3
Motorola Bipolar Power Transistor Device Data
Figure 3. Thermal Response
t, TIME OR PULSE WIDTH (ms)
1
0.01
1000
0.3
0.2
0.07
R
θJC(t) = r(t) RθJC
R
θJC = 6.25°C/W
D CURVES APPLY FOR POWER
PULSE TRAIN SHOWN
READ TIME AT t1
TJ(pk) – TC = P(pk) θJC(t)
P(pk)
t1
t2
DUTY CYCLE, D = t1/t2
0.01
0.7
0.5
0.1
0.05
0.03
0.02
0.02 0.03
0.05
0.1
0.2 0.3
0.5
1
2
3
5
10
20
30
50
100
200 300
500
0.2
SINGLE PULSE
D = 0.5
0.05
0.1
0.01
Figure 4. Maximum Rated Forward Biased
Safe Operating Area
Figure 5. Power Derating
2
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
0.3
100
5
2
0.5
0.2
BONDING WIRE LIMITED
THERMAL LIMIT
SECOND BREAKDOWN LIMIT
5
20
3
TJ = 150°C
CURVES APPLY BELOW RATED VCEO
100
µs
1 ms
dc
0.1
1
3
7
10
10
7
30
25
25
T, TEMPERATURE (
°C)
0
50
75
100
125
150
20
15
10
5
2.5
0
2
1.5
1
0.5
TA TC
TA
SURFACE
MOUNT
TC
0.7
5 ms
50
70
200
500
µs
ACTIVE–REGION SAFE–OPERATING AREA
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation;
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figures 5 and 6 is based on TJ(pk) = 150_C; TC
is variable depending on conditions. Second breakdown
pulse limits are valid for duty cycles to 10% provided TJ(pk)
< 150
_C. TJ(pk) may be calculated from the data in Figure 4.
At high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
VR, REVERSE VOLTAGE (VOLTS)
Cib
0.04
30
1
4
10
40
TC = 25°C
200
10
50
70
100
0.1
2
6
20
20
PNP
NPN
0.6
0.4
0.2
0.06
Figure 6. Capacitance
Cob



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com