Electronic Components Datasheet Search
  English  ▼

X  

AD677BD Datasheet(PDF) 14 Page - Analog Devices

Part # AD677BD
Description  16-Bit 100 kSPS Sampling ADC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD677BD Datasheet(HTML) 14 Page - Analog Devices

Back Button AD677BD Datasheet HTML 8Page - Analog Devices AD677BD Datasheet HTML 9Page - Analog Devices AD677BD Datasheet HTML 10Page - Analog Devices AD677BD Datasheet HTML 11Page - Analog Devices AD677BD Datasheet HTML 12Page - Analog Devices AD677BD Datasheet HTML 13Page - Analog Devices AD677BD Datasheet HTML 14Page - Analog Devices AD677BD Datasheet HTML 15Page - Analog Devices AD677BD Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
AD677
REV. A
–14–
90
80
70
60
50
RIPPLE FREQUENCY – Hz
0
100
1k
10k
100k
1M
30
20
40
+12V
–12V
+5V
Figure 15. AC Power Supply Rejection (fIN = 1.06 kHz)
fSAMPLE = 96 kSPS, VRIPPLE = 0.13 V p-p
0
–30
–50
–70
–90
–110
–130
–150
0
5
10
1520
2530
35
40
45
48
FREQUENCY – kHz
Figure 16. IMD Plot for fIN = 1008 Hz (fa), 1055 Hz (fb) at
96 kSPS
450
570
550
530
510
490
CLK PERIOD – ns
470
590
104
86
90
88
92
94
96
98
100
102
106
THD, 5V
S/(N+D), 10V
S/(N+D), 5V
THD, 10V
Figure 17. AC Performance vs. Clock Period, TA = +85
°C
(5 V and 10 V Reference)
104
86
90
88
–20
–40
92
94
96
98
100
102
80
60
40
20
0
106
TEMPERATURE – Degree °C
S/(N+D), 5V
THD, 10V
S/(N+D), 10V
THD, 5V
Figure 18. AC Performance Using Minimum Clock Period
vs. Temperature (tCLK = 480 ns), 5 V and 10 V Reference
0
5
10
15
20
25
30
35
40
45
50
FREQUENCY – kHz
55
60
65
1.0
0.8
0.6
0.4
0.2
0.0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 19. DNL Plot at VREF = 10 V, TA = +25°C, fS =
100 kSPS
DNL – LSBs
0
32000
0
8000
14000
22000
26000
18000
12000
4000
.05
.15
.25
.35
.40
–.05
–.15
–.25
–.35
152
2
2500
14645
30671
14113
2993
392
60
6
Figure 20. DNL Error Distribution (Taken from Figure 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com