Electronic Components Datasheet Search
  English  ▼

X  

AD7013 Datasheet(PDF) 19 Page - Analog Devices

Part # AD7013
Description  CMOS TIA IS-54 Baseband Receive Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7013 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD7013 Datasheet HTML 12Page - Analog Devices AD7013 Datasheet HTML 13Page - Analog Devices AD7013 Datasheet HTML 14Page - Analog Devices AD7013 Datasheet HTML 15Page - Analog Devices AD7013 Datasheet HTML 16Page - Analog Devices AD7013 Datasheet HTML 17Page - Analog Devices AD7013 Datasheet HTML 18Page - Analog Devices AD7013 Datasheet HTML 19Page - Analog Devices AD7013 Datasheet HTML 20Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
REV. A
AD7013
–19–
I Channel ADC Noise Histogram with IRx and IRx Tied Together and Offset Register = 0; Number Codes = 1000,
Standard Deviation = 4.44 Codes
Q Channel ADC Noise Histogram with QRx and QRx Tied Together and Offset Register = 0; Number Codes = 1000,
Standard Deviation = 3.82 Codes
AD7013 Sleep Current as a Function of DxCLK Load Capacitance
–30
–36
–34
–31
–32
140
0
60
20
–40
40
–41
120
80
100
–38
–39
–37
–35
–33
–29
–27
–28
–25
–26
–23
–24
–21
–22
–19
–20
–17
–18
–15
–16
–13
–14
–12
ADC CODE
–30
–36
–34
–31
–32
140
0
60
20
–40
40
–41
120
80
100
–38
–39
–37
–35
–33
–29
–27
–28
–25
–26
–23
–24
–21
–22
–19
–20
–17
–18
–15
–16
–13
–14
–12
ADC CODE
50
0
200
150
100
DxCLK LOAD CAPACITANCE – pF
3
0
1.5
0.5
1
2.5
2
VAA = VDD = +5V
MCLK = 6.2208 MHz
CR14 = CR15 = CR16 = CR17 = 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com