Electronic Components Datasheet Search
  English  ▼

X  

AD705BQ Datasheet(PDF) 5 Page - Analog Devices

Part # AD705BQ
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705BQ Datasheet(HTML) 5 Page - Analog Devices

  AD705BQ Datasheet HTML 1Page - Analog Devices AD705BQ Datasheet HTML 2Page - Analog Devices AD705BQ Datasheet HTML 3Page - Analog Devices AD705BQ Datasheet HTML 4Page - Analog Devices AD705BQ Datasheet HTML 5Page - Analog Devices AD705BQ Datasheet HTML 6Page - Analog Devices AD705BQ Datasheet HTML 7Page - Analog Devices AD705BQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
AD705
REV. B
–5–
1000
100
10
1
1
10
100
1000
FREQUENCY – Hz
Figure 10. Input Noise Voltage
Spectral Density
0
5
10
15
20
SUPPLY VOLTAGE –
±Volts
500
450
400
350
300
+125
°C
+25
°C
+55
°C
Figure 13. Quiescent Supply
Current vs. Supply Voltage
1
10
100
20
100k
1M
10M
LOAD RESISTANCE – k
Ω
24
640 60
–55
°C
+25
°C
+125
°C
Figure 16. Open Loop Gain vs.
Load Resistance over Temperature
1000
100
10
1
1
10
100
1000
FREQUENCY – Hz
10k
Ω
100
Ω
20M
Ω
VOUT = in(2 • 109Ω)
Figure 11. Input Noise Current
Spectral Density
10
100
1k
10k
100k
1M
FREQUENCY – Hz
1
0.1
160
140
120
100
80
60
40
20
0
Figure 14. Common-Mode
Rejection vs. Frequency
PHASE
GAIN
0
20
40
60
80
100
120
140
0.01 0.1
1
10
100
1k
10k 100k 1M 10M
FREQUENCY – Hz
0
30
60
90
120
150
180
20
–
Figure 17. Open Loop Gain and
Phase Shift vs. Frequency
0.5µV
05
10
TIME – Seconds
Figure 12. 0.1 Hz to 10 Hz Noise
Voltage
180
160
140
120
100
80
60
40
20
0.1
1
10
100
1k
10k
100k
1M
FREQUENCY – Hz
–PSRR
+ PSRR
Figure 15. Power Supply Rejection
vs. Frequency
+VS
–0.5
–1.0
–1.5
+1.5
+1.0
+0.5
–VS
0
5
10
15
20
SUPPLY VOLTAGE –
±Volts
Figure 18. Output Voltage Limit vs.
Supply Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com