Electronic Components Datasheet Search
  English  ▼

X  

AD705TQ Datasheet(PDF) 4 Page - Analog Devices

Part # AD705TQ
Description  Picoampere Input Current Bipolar Op Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD705TQ Datasheet(HTML) 4 Page - Analog Devices

  AD705TQ Datasheet HTML 1Page - Analog Devices AD705TQ Datasheet HTML 2Page - Analog Devices AD705TQ Datasheet HTML 3Page - Analog Devices AD705TQ Datasheet HTML 4Page - Analog Devices AD705TQ Datasheet HTML 5Page - Analog Devices AD705TQ Datasheet HTML 6Page - Analog Devices AD705TQ Datasheet HTML 7Page - Analog Devices AD705TQ Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AD705–Typical Characteristics (@ +25 C, V
S =
15 V, unless otherwise noted)
0
20
40
60
80
100
0
INPUT OFFSET VOLTAGE – Microvolts
40
–20
–20
+40
+
80
–
–60
+60
+80
SAMPLE SIZE: 610
Figure 1. Typical Distribution of
Input Offset Voltage
+VS
–0.5
–1.0
–1.5
+1.5
+1.0
+0.5
–VS
0
5
10
15
20
SUPPLY VOLTAGE –
±Volts
Figure 4. Input Common-Mode
Voltage Range vs. Supply Voltage
SAMPLE SIZE: 85
–55
°C TO +125°C
50
40
30
20
10
0
–0.4
–0.2
0
+0.2
+0.4
OFFSET VOLTAGE DRIFT – µV/
°C
Figure 7. Typical Distribution of
Offset Voltage Drift
0
INPUT BIAS CURRENT – Picoamperes
–120
–60
+60
+120
200
160
120
80
40
0
SAMPLE SIZE:
1040
Figure 2. Typical Distribution of
Input Bias Current
1k
10k
100k
1M
FREQUENCY – Hz
0
10
5
15
20
25
30
35
Figure 5. Large Signal Frequency
Response
01
2
3
4
5
WARM-UP TIME IN MINUTES
4
3
2
1
0
Figure 8. Change in Input Offset
Voltage vs. Warm-Up Time
0
40
80
120
160
200
INPUT OFFSET CURRENT – Picoamperes
SAMPLE SIZE: 510
–120
–60
0
+60
+120
Figure 3. Typical Distribution of
Input Offset Current
1k
10k
100k
1M
10M
100M
SOURCE RESISTANCE –
Ω
SOURCE RESISTANCE
MAY BE EITHER BALANCED
OR UNBALANCED
100
10
1.0
0.1
Figure 6. Offset Voltage Drift vs.
Source Resistance
60
40
20
0
–20
–40
–60
–15
–10
–5
0
+5
+10
+15
NEGATIVE IB
POSITIVE IB
COMMON MODE VOLTAGE – Volts
Figure 9. Input Bias Current vs.
Common-Mode Voltage
REV. B
–4–



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com