Electronic Components Datasheet Search
  English  ▼

X  

AD713 Datasheet(PDF) 11 Page - Analog Devices

Part # AD713
Description  Quad Precision, Low Cost, High Speed, BiFET Op Amp
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD713 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD713 Datasheet HTML 6Page - Analog Devices AD713 Datasheet HTML 7Page - Analog Devices AD713 Datasheet HTML 8Page - Analog Devices AD713 Datasheet HTML 9Page - Analog Devices AD713 Datasheet HTML 10Page - Analog Devices AD713 Datasheet HTML 11Page - Analog Devices AD713 Datasheet HTML 12Page - Analog Devices AD713 Datasheet HTML 13Page - Analog Devices AD713 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
REV. C
AD713
–11–
FILTER APPLICATIONS
A Programmable State Variable Filter
For the state variable or universal filter configuration of Figure
18 to function properly, DACs A1 and B1 need to control the
gain and Q of the filter characteristic, while DACs A2 and B2
must accurately track for the simple expression of fC to be true.
This is readily accomplished using two AD7528 DACs and one
AD713 quad op amp. Capacitor C3 compensates for the effects
of op amp gain-bandwidth limitations.
This filter provides low pass, high pass and band pass outputs
and is ideally suited for applications where microprocessor
control of filter parameters is required. The programmable
range for component values shown is fC = 0 to 15 kHz and
Q = 0.3 to 4.5.
GIC and FDNR FILTER APPLICATIONS
The closely matched and uniform ac characteristics of the
AD713 make it ideal for use in GIC (gyrator) and FDNR (fre-
quency dependent negative resistor) filter applications. Figures
Figure 18. A Programmable State Variable Filter Circuit
19 and 21 show the AD713 used in two typical active filters.
The first shows a single AD713 simulating two coupled inductors
configured as a one-third octave bandpass filter. A single section
of this filter meets ANSI class II specifications and handles a
7.07 V rms signal with <0.002% THD (20 Hz–20 kHz).
Figure 21 shows a 7-pole antialiasing filter for a 2
oversam-
pling (88.2 kHz) digital audio application. This filter has <0.05
dB pass band ripple and 19.8
±0.3 µs delay, dc-20 kHz and will
handle a 5 V rms signal (VS =
±15 V) with no overload at any
internal nodes.
The filter of Figure 19 can be scaled for any center frequency by
using the formula:
f
C =
1.11
2
πRC
where all resistors and capacitors scale equally. Resistors R3–R8
should not be greater than 2 k
Ω in value, to prevent parasitic
oscillations caused by the amplifier’s input capacitance.
Figure 19. A 1/3 Octave Filter Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com