Electronic Components Datasheet Search
  English  ▼

X  

AD7224 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7224
Description  LC2MOS 8-Bit DAC with Output Amplifiers
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7224 Datasheet(HTML) 7 Page - Analog Devices

  AD7224 Datasheet HTML 1Page - Analog Devices AD7224 Datasheet HTML 2Page - Analog Devices AD7224 Datasheet HTML 3Page - Analog Devices AD7224 Datasheet HTML 4Page - Analog Devices AD7224 Datasheet HTML 5Page - Analog Devices AD7224 Datasheet HTML 6Page - Analog Devices AD7224 Datasheet HTML 7Page - Analog Devices AD7224 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7224
REV. B
–7–
BIPOLAR OUTPUT OPERATION
The AD7224 can be configured to provide bipolar output op-
eration using one external amplifier and two resistors. Figure 6
shows a circuit used to implement offset binary coding. In this
case
V
O =
1
+ R2
R1


• D V
REF
() – R2
R1


• V
REF
()
With R1 = R2
VO = (2 D – 1) • VREF
where D is a fractional representation of the digital word in
the DAC register.
Mismatch between R1 and R2 causes gain and offset errors;
therefore, these resistors must match and track over tempera-
ture. Once again, the AD7224 can be operated in single supply
or from positive/negative supplies. Table III shows the digital
code versus output voltage relationship for the circuit of Figure
6 with R1 = R2.
+15V
+15V
V
REF
R1
R2
V
OUT
R1, R2 = 10k
Ω ±0.1%
DAC
DB7
DB0
3
V
DD
V
REF
CS
WR
LDAC
RESET
V
SS
AGND
DGND
AD7224
V
OUT
DATA
(8-BIT)
Figure 6. Bipolar Output Circuit
Table III. Bipolar (Offset Binary) Code Table
DAC Register Contents
MSB
LSB
Analog Output
1 1 1 1
1 1 1 1
+V
REF
127
128


1 0 0 0
0 0 0 1
+V
REF
1
128


1 0 0 0
0 0 0 0
0 V
0 1 1 1
1 1 1 1
–V
REF
1
128


0 0 0 0
0 0 0 1
–V
REF
127
128


0 0 0 0
0 0 0 0
–V
REF
128
128


= –V
REF
AGND BIAS
The AD7224 AGND pin can be biased above system GND
(AD7224 DGND) to provide an offset “zero” analog output
voltage level. Figure 7 shows a circuit configuration to achieve
this. The output voltage, VOUT, is expressed as:
VOUT = VBIAS + D • (VIN)
where D is a fractional representation of the digital word in
DAC register and can vary from 0 to 255/256.
For a given VIN, increasing AGND above system GND will re-
duce the effective VDD–VREF which must be at least 4 V to en-
sure specified operation. Note that VDD and VSS for the AD7224
must be referenced to DGND.
DAC
VDD
VREF
VSS
AGND
DGND
AD7224
VOUT
VIN
VIN
VBIAS
Figure 7. AGND Bias Circuit
MICROPROCESSOR INTERFACE
8085A
8088
A15
A8
ALE
AD0
AD7
ADDRESS
DECODE
LATCH
EN
AD7224*
WR
DB7
DB0
LDAC
WR
ADDRESS BUS
ADDRESS DATA BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
CS
Figure 8. AD7224 to 8085A/8088 Interface
D0
D7
DATA BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
E OR
φ2
D0
D7
E OR
φ2
R/W
A15
A0
6809
6502
ADDRESS
DECODE
EN
ADDRESS BUS
LDAC
WR
CS
DB7
DB0
AD7224*
Figure 9. AD7224 to 6809/6502 Interface
Z-80
A15
A0
D0
D7
AD7224*
DB7
DB0
LDAC
WR
ADDRESS BUS
DATA BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
ADDRESS
DECODE
CS
WR
Figure 10. AD7224 to Z-80 Interface
68008
A23
A1
D0
D7
AD7224*
DB7
DB0
LDAC
WR
ADDRESS BUS
DATA BUS
*LINEAR CIRCUITRY OMITTED FOR CLARITY
ADDRESS
DECODE
CS
R/W
DTACK
Figure 11. AD7224 to 68008 Interface



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com