Electronic Components Datasheet Search
  English  ▼

X  

DS3231 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS3231
Description  Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3231 Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS3231 Datasheet HTML 1Page - Maxim Integrated Products DS3231 Datasheet HTML 2Page - Maxim Integrated Products DS3231 Datasheet HTML 3Page - Maxim Integrated Products DS3231 Datasheet HTML 4Page - Maxim Integrated Products DS3231 Datasheet HTML 5Page - Maxim Integrated Products DS3231 Datasheet HTML 6Page - Maxim Integrated Products DS3231 Datasheet HTML 7Page - Maxim Integrated Products DS3231 Datasheet HTML 8Page - Maxim Integrated Products DS3231 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Extremely Accurate I2C-Integrated
RTC/TCXO/Crystal
2
Maxim Integrated
DS3231
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = TMIN to TMAX, unless otherwise noted.) (Notes 2, 3)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on Any Pin Relative to Ground......-0.3V to +6.0V
Junction-to-Ambient Thermal Resistance (
θJA) (Note 1)....73°C/W
Junction-to-Case Thermal Resistance (
θJC) (Note 1) ......23°C/W
Operating Temperature Range
DS3231S ..............................................................0°C to +70°C
DS3231SN ........................................................-40°C to +85°C
Junction Temperature ......................................................+125°C
Storage Temperature Range ...............................-40°C to +85°C
Lead Temperature (soldering, 10s) .................................+260°C
Soldering Temperature (reflow, 2 times max)..................+260°C
(See the
Handling, PC Board Layout, and Assembly section.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
2.3
3.3
5.5
V
Supply Voltage
VBAT
2.3
3.0
5.5
V
Logic 1 Input SDA, SCL
VIH
0.7 x
VCC
VCC +
0.3
V
Logic 0 Input SDA, SCL
VIL
-0.3
0.3 x
VCC
V
ELECTRICAL CHARACTERISTICS
(VCC = 2.3V to 5.5V, VCC = Active Supply (see Table 1), TA = TMIN to TMAX, unless otherwise noted.) (Typical values are at VCC =
3.3V, VBAT = 3.0V, and TA = +25°C, unless otherwise noted.) (Notes 2, 3)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 3.63V
200
Active Supply Current
ICCA
(Notes 4, 5)
VCC = 5.5V
300
μA
VCC = 3.63V
110
Standby Supply Current
ICCS
I2C bus inactive, 32kHz
output on, SQW output off
(Note 5)
VCC = 5.5V
170
μA
VCC = 3.63V
575
Temperature Conversion Current
ICCSCONV
I2C bus inactive, 32kHz
output on, SQW output off
VCC = 5.5V
650
μA
Power-Fail Voltage
VPF
2.45
2.575
2.70
V
Logic 0 Output, 32kHz,
INT/SQW, SDA
VOL
IOL = 3mA
0.4
V
Logic 0 Output,
RST
VOL
IOL = 1mA
0.4
V
Output Leakage Current 32kHz,
INT/SQW, SDA
ILO
Output high impedance
-1
0
+1
μA
Input Leakage SCL
ILI
-1
+1
μA
RST Pin I/O Leakage
IOL
RST high impedance (Note 6)
-200
+10
μA
VBAT Leakage Current
(VCC Active)
IBATLKG
25
100
nA
Note 1:
Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-
layer board. For detailed information on package thermal considerations, refer to www.maxim-ic.com/thermal-tutorial.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com