Electronic Components Datasheet Search
  English  ▼

X  

AD7226BQ Datasheet(PDF) 2 Page - Analog Devices

Part # AD7226BQ
Description  LC2MOS Quad 8-Bit D/A Converter
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7226BQ Datasheet(HTML) 2 Page - Analog Devices

  AD7226BQ Datasheet HTML 1Page - Analog Devices AD7226BQ Datasheet HTML 2Page - Analog Devices AD7226BQ Datasheet HTML 3Page - Analog Devices AD7226BQ Datasheet HTML 4Page - Analog Devices AD7226BQ Datasheet HTML 5Page - Analog Devices AD7226BQ Datasheet HTML 6Page - Analog Devices AD7226BQ Datasheet HTML 7Page - Analog Devices AD7226BQ Datasheet HTML 8Page - Analog Devices AD7226BQ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
REV. A
–2–
AD7226–SPECIFICATIONS
DUAL SUPPLY
Parameter
K, B, T Versions
2
Units
Conditions/Comments
STATIC PERFORMANCE
Resolution
8
Bits
Total Unadjusted Error
± 2
LSB max
VDD = +15 V ± 5%, VREF = +10 V
Relative Accuracy
± 1
LSB max
Differential Nonlinearity
± 1
LSB max
Guaranteed Monotonic
Full Scale Error
±1 1/2
LSB max
Full Scale Temperature Coefficient
±20
ppm/
°C typ
VDD = 14 V to 16.5 V, VREF = +10 V
Zero Code Error
±30
mV max
Zero Code Error Temperature Coefficient
±50
µV/°C typ
REFERENCE INPUT
Voltage Range
2 to (VDD – 4)
V min to V max
Input Resistance
2
k
Ω min
Input Capacitance
3
65
pF min
Occurs when each DAC is loaded with all 0s.
300
pF max
Occurs when each DAC is loaded with all 1s.
DIGITAL INPUTS
Input High Voltage, VINH
2.4
V min
Input Low Voltage, VINL
0.8
V max
Input Leakage Current
± 1
µA max
VIN = 0 V or VDD
Input Capacitance
8
pF max
Input Coding
Binary
DYNAMIC PERFORMANCE
Voltage Output Slew Rate
4
2.5
V/
µs min
Voltage Output Settling Time
4
Positive Full Scale Change
5
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Negative Full Scale Change
7
µs max
VREF = +10 V; Settling Time to ± 1/2 LSB
Digital Crosstalk
50
nV secs typ
Minimum Load Resistance
2
k
Ω min
VOUT = +10 V
POWER SUPPLIES
VDD Range
11.4/16.5
V min/V max
For Specified Performance
IDD
13
mA max
Outputs Unloaded; VIN = VINL or VINH
ISS
11
mA max
Outputs Unloaded; VIN = VINL or VINH
SWITCHING CHARACTERISTICS
4, 5
Address to Write Setup Time, tAS
@ 25
°C
0
ns min
TMIN to TMAX
0
ns min
Address to Write Hold Time, tAH
@ 25
°C
10
ns min
TMIN to TMAX
10
ns min
Data Valid to Write Setup Time, tDS
@ 25
°C
90
ns min
TMIN to TMAX
100
ns min
Data Valid to Write Hold Time, tDH
@ 25
°C
10
ns min
TMIN to TMAX
10
ns min
Write Pulse Width, tWR
@ 25
°C
150
ns min
TMIN to TMAX
200
ns min
NOTES
1Maximum possible reference voltage.
2Temperature ranges are as follows:
K Version: –40
°C to +85°C
B Version: –40
°C to +85°C
T Version: –55
°C to +125°C
3Guanteed by design. Not production tested.
4Sample Tested at 25
°C to ensure compliance.
5Switching Characteristics apply for single and dual supply operation.
Specifications subject to change without notice.
(VDD = 11.4 V to 16.5 V, VSS = –5 V
10%; AGND = DGND = O V; VREF = +2 V to (VDD – 4 V)
1 unless otherwise noted.
All specifications TMIN to TMAX unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com