Electronic Components Datasheet Search
  English  ▼

X  

AD724 Datasheet(PDF) 5 Page - Analog Devices

Part # AD724
Description  RGB to NTSC/PAL Encoder
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD724 Datasheet(HTML) 5 Page - Analog Devices

  AD724 Datasheet HTML 1Page - Analog Devices AD724 Datasheet HTML 2Page - Analog Devices AD724 Datasheet HTML 3Page - Analog Devices AD724 Datasheet HTML 4Page - Analog Devices AD724 Datasheet HTML 5Page - Analog Devices AD724 Datasheet HTML 6Page - Analog Devices AD724 Datasheet HTML 7Page - Analog Devices AD724 Datasheet HTML 8Page - Analog Devices AD724 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
REV. B
–5–
APL = 49.8%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V
@ 6.63 s
s
060
10
20
30
40
50
SYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2
1.0
0.5
–0.5
0.0
100
50
0
–50
Figure 2. Modulated Pulse and Bar, NTSC
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.0%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
ASYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2 3 4
Figure 3. Modulated Pulse and Bar, PAL
RGB
3
75
75
COMPOSITE
VIDEO
COMPOSITE
SYNC
FSC
GENLOCK
TEKTRONIX
TSG 300
COMPONENT
VIDEO
WAVEFORM
GENERATOR
AD724
RGB TO
NTSC/PAL
ENCODER
TEKTRONIX
VM700A
WAVEFORM
MONITOR
TEKTRONIX
1910
COMPOSITE
VIDEO
WAVEFORM
GENERATOR
SONY
MONITOR
MODEL
1342
+5V
FIN
Figure 1. Evaluation Setup
Typical Performance Characteristics–AD724
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.8%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.63 s
PRECISION MODE OFF
SYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2
100
50
0
–50
Figure 4. 100% Color Bars, NTSC
s
1.0
0.5
–0.5
060
10
20
30
40
50
0.0
APL = 50.6%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
ASYNCHRONOUS
SYNC = SOURCE
FRAMES SELECTED : 1 2 3 4
Figure 5. 100% Color Bars, PAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com