Electronic Components Datasheet Search
  English  ▼

X  

AD7242 Datasheet(PDF) 7 Page - Analog Devices

Part # AD7242
Description  LC2MOS Dual, Complete, 12-Bit/14-Bit Serial DACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7242 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD7242 Datasheet HTML 3Page - Analog Devices AD7242 Datasheet HTML 4Page - Analog Devices AD7242 Datasheet HTML 5Page - Analog Devices AD7242 Datasheet HTML 6Page - Analog Devices AD7242 Datasheet HTML 7Page - Analog Devices AD7242 Datasheet HTML 8Page - Analog Devices AD7242 Datasheet HTML 9Page - Analog Devices AD7242 Datasheet HTML 10Page - Analog Devices AD7242 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
AD7242/AD7244
REV. A
–7–
Output Amplifier
The outputs from each of the voltage-mode DACs are buffered
by a noninverting amplifier. The buffer amplifier is capable of
developing
±3 V across a 2 kΩ and 100 pF load to ground, and
can produce 6 V peak-to-peak sine wave signals to a frequency
of 20 kHz. The output is updated on the falling edge of the
respective LDAC input. The output voltage settling time, to
within 1/2 LSB of its final value, is typically less than 2
µs for
the AD7242 and 2.5
µs for the AD7244.
The small signal (200 mV p-p) bandwidth of the output buffer
amplifier is typically 1 MHz. The output noise from the
amplifier is low, with a figure of 30 nV/
√Hz at a frequency of
1 kHz. The broadband noise from the amplifier exhibits a
typical peak-to-peak figure of 150
µV for a 1 MHz output
bandwidth. Figure 4 shows a typical plot of noise spectral
density versus frequency for the output buffer amplifier and for
the on-chip reference (including and excluding the decoupling
components).
Figure 4. Noise Spectral Density vs. Frequency
TRANSFER FUNCTION
The basic circuit configuration for the AD7242/AD7244 is
shown in Figure 5. Table I and Table II show the ideal input
code to output voltage relationship for the AD7242 and
AD7244 respectively. Input coding for the AD7242/AD7244 is
2s complement.
Figure 5. Basic Connection Diagram
For the AD7242, the output voltage can be expressed in terms
of the input code, N, using the following relationship:
VOUT =
2
• N • REF IN
4096
where –2048
≤ N ≤ +2047
For the AD7244, the output voltage can be expressed in terms
of the input code, N, using the following relationship:
VOUT =
2
• N • REF IN
16384
where –8192
≤ N ≤ +8191
Table I. AD7242 Ideal Input/Output Code Table Code
DAC Latch Contents
MSB
LSB
Analog Output, VOUT*
01 11 1111 1111
+2.998535 V
01 11 1111 1110
+2.99707 V
00 00 0000 0001
+0.001465 V
00 00 0000 0000
0 V
11 11 1111 1111
–0.001465 V
10 00 0000 0001
–2.998535 V
10 00 0000 0000
–3 V
*Assuming REF IN = +3 V.
Table II. AD7244 Ideal Input/Output Code Table Code
DAC Latch Contents
MSB
LSB
Analog Output, VOUT*
01 1111 1111 1111
+2.999634 V
01 1111 1111 1110
+2.99268 V
00 0000 0000 0001
+0.000366 V
00 0000 0000 0000
0 V
11 1111 1111 1111
–0.000366 V
10 0000 0000 0001
–2.999634 V
10 0000 0000 0000
–3 V
*Assuming REF IN = +3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com