Electronic Components Datasheet Search
  English  ▼

X  

AD725 Datasheet(PDF) 7 Page - Analog Devices

Part # AD725
Description  Low Cost RGB to NTSC/PAL Encoder with Luma Trap Port
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD725 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD725 Datasheet HTML 3Page - Analog Devices AD725 Datasheet HTML 4Page - Analog Devices AD725 Datasheet HTML 5Page - Analog Devices AD725 Datasheet HTML 6Page - Analog Devices AD725 Datasheet HTML 7Page - Analog Devices AD725 Datasheet HTML 8Page - Analog Devices AD725 Datasheet HTML 9Page - Analog Devices AD725 Datasheet HTML 10Page - Analog Devices AD725 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD725
REV. 0
–7–
060
10
20
30
40
50
APL = 48.2%
525 LINE NTSC
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.63 s
100
50
0
–50
1.0
0.5
–0.5
0.0
s
0.5MHz
1MHz
2MHz
3MHz
4MHz
5MHz
Figure 11. Multiburst, NTSC
9.35 s
5.57 s
4.80 s
38.0 IRE
36.1 IRE
H TIMING MEASUREMENT RS–170A (NTSC)
FIELD = 1 LINE = 22
AVERAGE
256
89ns
85ns
9.0
CYCLES
Figure 12. Horizontal Timing, NTSC
1ST
2ND
3RD
4TH
5TH
6TH
0.00
0.07
–0.05
0.20
0.22
0.39
0.00
–0.33
0.10
0.70
1.05
1.17
DG DP (NTSC)
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.05
MAX = 0.39
MIN = –0.33
MAX = 1.17
pk–pk = 1.50
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
Wfm —
> MOD 5 STEP
pk–pk/MAX = 0.44
Figure 13. Composite Output Differential Phase
and Gain, NTSC
060
10
20
30
40
50
APL = 48.2%
625 LINE PAL
NO FILTERING
SLOW CLAMP TO 0.00V @ 6.72 s
100
50
0
–50
1.0
0.5
–0.5
0.0
s
1MHz
2MHz
3MHz
4MHz
5MHz
6MHz
Figure 14. Multiburst, PAL
5.67 s
AVERAGE
256
89ns
70ns
2.29 s
4.90 s
287.7mV
273.4mV
H TIMING (PAL)
LINE = 25
Figure 15. Horizontal Timing, PAL
1ST
2ND
3RD
4TH
5TH
6TH
0.00
–0.06
0.15
0.23
0.43
0.38
0.00
–0.44
–0.02
0.70
1.17
1.34
DG DP (PAL)
DIFFERENTIAL GAIN (%)
DIFFERENTIAL PHASE (deg)
MIN = –0.06
MAX = 0.43
pk–pk = 0.49
MIN = –0.44
MAX = 1.34
pk–pk = 1.79
0.5
0.4
0.3
0.2
0.1
0.0
–0.1
–0.2
2.0
1.5
1.0
0.5
0.0
–0.5
–1.0
Wfm —
> MOD 5 STEP
Figure 16. Composite Output Differential Phase
and Gain, PAL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com