Electronic Components Datasheet Search
  English  ▼

X  

AD7303 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7303
Description  2.7 V to 5.5 V, Serial Input, Dual Voltage Output 8-Bit DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7303 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7303 Datasheet HTML 8Page - Analog Devices AD7303 Datasheet HTML 9Page - Analog Devices AD7303 Datasheet HTML 10Page - Analog Devices AD7303 Datasheet HTML 11Page - Analog Devices AD7303 Datasheet HTML 12Page - Analog Devices AD7303 Datasheet HTML 13Page - Analog Devices AD7303 Datasheet HTML 14Page - Analog Devices AD7303 Datasheet HTML 15Page - Analog Devices AD7303 Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 16 page
background image
AD7303
–15–
REV. 0
LDAA
#$18
0, 0, 0, 1, 1, 0, 0, 0
*
SCLK and DIN enabled as outputs
LDAA
#$53
STAA
SPCR
SPI on, Master mode, CPOL=0, CPHA=0, Clock rate =E/32
*
BSR
UPDATE
Update AD7303 output.
JMP
#$E000
Restart.
*
UPDATE
PSHX
Save relevant registers.
PSHY
PSHA
*
LDAA
#$00
Control Word "0, 0, 0, 0, 0, 0, 0, 0"
STAA
DIN 1
Load both DAC A and DAC B DAC registers from shift register
with internal reference selected.
LDAA
#$AA
Data Word "1, 0, 1, 0, 1, 0, 1, 0"
STAA
DIN 2
*
LDX
#DIN1
Stack pointer at first first byte to send via DIN 1.
LDY
#$1000
Stack pointer at on chip registers.
*
BCLR
PORTC,Y $80
Assert SYNC.
TRANSFER
LDAA
0,X
Get BYTE to transfer via SPI.
STAA
SPDR
Write to DIN register to start transfer.
*
WAIT
LDAA
SPSR
Wait for SPIF to be set to indicate that transfer has been completed.
BPL
WAIT
SPIF is the MSB of the SPCR. SPIF is automatically reset if in a set
state when the status register is read.
*
INX
Increment counter for transfer of second byte.
CPX
#DIN 2+1
16 bits transferred?
BNE
TRANSFER
If not, transfer second BYTE.
*Execute instruction
BSET
PORTC,Y $80
Bring SYNC back high.
PULA
Restore registers.
PULY
PULX
RTS
Return to main program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com