Electronic Components Datasheet Search
  English  ▼

X  

AD7245ABR Datasheet(PDF) 12 Page - Analog Devices

Part # AD7245ABR
Description  LC2MOS 12-Bit DACPORTs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7245ABR Datasheet(HTML) 12 Page - Analog Devices

Back Button AD7245ABR Datasheet HTML 8Page - Analog Devices AD7245ABR Datasheet HTML 9Page - Analog Devices AD7245ABR Datasheet HTML 10Page - Analog Devices AD7245ABR Datasheet HTML 11Page - Analog Devices AD7245ABR Datasheet HTML 12Page - Analog Devices AD7245ABR Datasheet HTML 13Page - Analog Devices AD7245ABR Datasheet HTML 14Page - Analog Devices AD7245ABR Datasheet HTML 15Page - Analog Devices AD7245ABR Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
AD7245A/AD7248A
REV. A
–12–
The circuit of Figure 10 can be modified to provide a program-
mable current source to AGND or –VSINK (for –VSINK, dual sup-
plies are required on the AD7245A/AD7248A). The AD7245A/
AD7248A is configured as before. The current through R1 is
mirrored with a current mirror circuit to provide the program-
mable source current (see CMOS DAC Application Guide,
Publication No. G872-30-10/84, for suitable current mirror cir-
cuit). As before the absolute value of the source current will be
affected by the
±0.2% tolerance on V
REF. In this case the per-
formance of the current mirror will also affect the value of the
source current.
FUNCTION GENERATOR WITH PROGRAMMABLE
FREQUENCY
Figure 11 shows how the AD7245A/AD7248A with the AD537,
voltage-to-frequency converter and the AD639, trigonometric
function generator to provide a complete function generator
with programmable frequency. The circuit provides square
wave, triwave and sine wave outputs, each output of
±10 V
amplitude.
The AD7245A/AD7248A provides a programmable voltage to
the AD537 input. Since both the AD7245A/AD7248A and
AD537 are guaranteed monotonic, the output frequency will al-
ways increase with increasing digital code. The AD537 provides
a square wave output which is conditioned for
±10 V by ampli-
fier A1. The AD537 also provides a differential triwave output.
This is conditioned by amplifiers A2 and A3 to provide the
±1.8 V triwave required at the input of the AD639. The triwave
is further scaled by amplifier A4 to provide a
±10 V output.
Adjusting the triwave applied to the AD639 adjust the distortion
performance of the sine wave output, (+10 V in configuration
shown). Amplitude, offset and symmetry of the triwave can af-
fect the distortion. By adjusting these, via VR1 and VR2, an
output sine wave with harmonic distortion of better than –50 dB
can be achieved at low and intermediate frequencies.
Using the capacitor value shown in Figure 11 for CF (i.e.,
680 pF) the output frequency range is 0 to 100 kHz over the
digital input code range. The step size for frequency increments
is 25 Hz. The accuracy of the output frequency is limited to 8 or
9 bits by the AD537, but is guaranteed monotonic to 12 bits.
MICROPROCESSOR INTERFACING—AD7245
AD7245A—8086A INTERFACE
Figure 12 shows the 8086 16-bit processor interfacing to the
AD7245A. In the setup shown the double buffering feature of
the DAC is not used and the LDAC input is tied LOW. AD0–
AD11 of the 16-bit data bus are connected to the AD7245A
data bus (DB0-DB11). The 12-bit word is written to the
AD7245A in one MOV instruction and the analog output re-
sponds immediately. In this example the DAC address is D000.
A software routine for Figure 12 is given in Table V.
Figure 12. AD7245A to 8086 Interface
Figure 11. Programmable Function Generator
Table V. Sample Program for Loading AD7245A from 8086
ASSUME DS: DACLOAD, CS: DACLOAD
DACLOAD SEGMENT AT 000
00 8CC9
MOV CS,
: DEFINE DATA SEGMENT
CS
REGISTER
02 8ED9
MOV DS,
: EQUAL TO CODE
CX
SEGMENT REGISTER
04 BF00D0
0MOV DI,
: LOAD DI WITH D000
#D000
07 C705
MOV MEM, : DAC LOADED WITH WXYZ
“YZWX” #YZWX
0B EA00 00
: CONTROL IS RETURNED TO
0E 00 FF
THE MONITOR PROGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com