Electronic Components Datasheet Search
  English  ▼

X  

MAX9995 Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX9995
Description  Dual, SiGe, High-Linearity, 1700MHz to 2700MHz Downconversion Mixer with LO Buffer/Switch
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9995 Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX9995 Datasheet HTML 1Page - Maxim Integrated Products MAX9995 Datasheet HTML 2Page - Maxim Integrated Products MAX9995 Datasheet HTML 3Page - Maxim Integrated Products MAX9995 Datasheet HTML 4Page - Maxim Integrated Products MAX9995 Datasheet HTML 5Page - Maxim Integrated Products MAX9995 Datasheet HTML 6Page - Maxim Integrated Products MAX9995 Datasheet HTML 7Page - Maxim Integrated Products MAX9995 Datasheet HTML 8Page - Maxim Integrated Products MAX9995 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MAX9995
Dual, SiGe, High-Linearity, 1700MHz to 2700MHz
Downconversion Mixer with LO Buffer/Switch
2
Maxim Integrated
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
VCC ........................................................................-0.3V to +5.5V
LO1, LO2 to GND ...............................................................±0.3V
IFM_, IFD_, IFM_SET, IFD_SET, LOSEL,
LO_ADJ_M, LO_ADJ_D to GND.............-0.3V to (VCC + 0.3V)
RFMAIN, RFDIV, and LO_ Input Power ..........................+20dBm
RFMAIN, RFDIV Current
(RF is DC shorted to GND through balun) ......................50mA
Continuous Power Dissipation (Note 1) .............................6.75W
Operating Temperature Range (Note 2) ...TC = -40°C to +100°C
Maximum Junction Temperature .....................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
Soldering Temperature (reflow) .......................................+260°C
DC ELECTRICAL CHARACTERISTICS
(
Typical Application Circuit, no input RF or LO signals applied, VCC = 4.75V to 5.25V, TC = -40°C to +85°C. Typical values are at VCC
= 5.0V, TC = +25°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
4.75
5
5.25
V
Total supply current
332
380
VCC (pin 16)
82
90
VCC (pin 30)
97
110
IFM+/IFM- (total of both)
70
90
Supply Current
ICC
IFD+/IFD- (total of both)
70
90
mA
LOSEL Input High Voltage
VIH
2V
LOSEL Input Low Voltage
VIL
0.8
V
LOSEL Input Current
IIL and IIH
-10
+10
µA
Note 1: Based on junction temperature TJ = TC + (
θJC x VCC x ICC). This formula can be used when the temperature of the exposed
pad is known while the device is soldered down to a PCB. See the
Applications Information section for details. The junction
temperature must not exceed +150°C.
Note 2: TC is the temperature on the exposed pad of the package. TA is the ambient temperature of the device and PCB.
TQFN
Junction-to-Ambient Thermal Resistance (
θJA)
(Note 3, 4) ....................................................................38°C/W
Junction-to-Board Thermal Resistance (
θJB)................12.2°C/W
Junction-to-Case Thermal Resistance (
θJC)
(Note 1, 4) ...................................................................7.4°C/W
PACKAGE THERMAL CHARACTERISTICS
Note 3: Junction temperature TJ = TA + (
θJA x VCC x ICC). This formula can be used when the ambient temperature of the PCB is
known. The junction temperature must not exceed +150°C.
Note 4: Package thermal resistances were obtained using the method described in JEDEC specification JESD51-7, using a four-layer
board. For detailed information on package thermal considerations, refer to www.maximintegrated.com/thermal-tutorial.
RECOMMENDED AC OPERATING CONDITIONS
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
RF Frequency Range
fRF
(Note 5)
1700
2700
MHz
LO Frequency Range
fLO
(Note 5)
1400
2600
MHz
IF Frequency Range
fIF
(Note 5)
40
350
MHz
LO Drive Level
PLO
(Note 5)
-3
+3
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com