Electronic Components Datasheet Search
  English  ▼

X  

AD73311L Datasheet(PDF) 13 Page - Analog Devices

Part # AD73311L
Description  Low Cost, Low Power CMOS General Purpose Analog Front End
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73311L Datasheet(HTML) 13 Page - Analog Devices

Back Button AD73311L Datasheet HTML 9Page - Analog Devices AD73311L Datasheet HTML 10Page - Analog Devices AD73311L Datasheet HTML 11Page - Analog Devices AD73311L Datasheet HTML 12Page - Analog Devices AD73311L Datasheet HTML 13Page - Analog Devices AD73311L Datasheet HTML 14Page - Analog Devices AD73311L Datasheet HTML 15Page - Analog Devices AD73311L Datasheet HTML 16Page - Analog Devices AD73311L Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
REV. A
AD73311L
–13–
Table X. Control Word Description
15
14
13
12
11
10
9
8765
432
10
C/
D
R/
W
Device Address
Register Address
Register Data
Control
Frame
Description
Bit 15
Control/
Data
When set high, it signifies a control word in Program or Mixed Program/Data Modes. When
set low, it signifies a data word in Mixed Program/Data Mode or an invalid control word in
Program Mode.
Bit 14
Read/
Write
When set low, it tells the device that the data field is to be written to the register selected by
the register field setting provided the address field is zero. When set high, it tells the device
that the selected register is to be written to the data field in the input serial register and that
the new control word is to be output from the device via the serial output.
Bits 13–11
Device Address
This 3-bit field holds the address information. Only when this field is zero is a device selected.
If the address is not zero, it is decremented and the control word is passed out of the device
via the serial output.
Bits 10–8
Register Address
This 3-bit field is used to select one of the five control registers on the AD73311L.
Bits 7–0
Register Data
This 8-bit field holds the data that is to be written to or read from the selected register provided
the address field is zero.
Table IX. Control Register Map
Address (Binary)
Name
Description
Type
Width
Reset Setting (Hex)
000
CRA
Control Register A
R/
W
8
0x00
001
CRB
Control Register B
R/
W
8
0x00
010
CRC
Control Register C
R/
W
8
0x00
011
CRD
Control Register D
R/
W
8
0x00
100
CRE
Control Register E
R/
W
8
0x00
101
CRF
Control Register F
R/
W
8
0x00
110 to 111
Reserved
Table VIII. DAC Timing Control
DA4
DA3
DA2
DA1
DA0
Time Advance
*
000000 ns
00001
488.2 ns
00010
976.5 ns
——————
11110
14.64
µs
11111
15.13
µs
*DMCLK = 16.384 MHz.
OPERATION
Resetting the AD73311L
The pin
RESET resets all the control registers. All registers are
reset to zero indicating that the default SCLK rate (DMCLK/8)
and sample rate (DMCLK/2048) are at a minimum to ensure
that slow speed DSP engines can communicate effectively. As
well as resetting the control registers using the
RESET pin, the
device can be reset using the
RESET bit (CRA:7) in Control
Register A. Both hardware and software resets require 4 DMCLK
cycles. On reset, DATA/
PGM (CRA:0) is set to 0 (default condi-
tion) thus enabling Program Mode. The reset conditions ensure
that the device must be programmed to the correct settings after
power-up or reset. Following a reset, the SDOFS will be asserted
2048 DMCLK cycles after
RESET going high. The data that
is output following
RESET and during Program Mode is ran-
dom and contains no valid information until either Data or
Mixed Mode is set.
Power Management
The individual functional blocks of the AD73311L can be
enabled separately by programming the power control register
CRC. It allows certain sections to be powered down if not
required, which adds to the device’s flexibility in that the user
need not incur the penalty of having to provide power for a
certain section if it is not necessary to their design. The power
control register provides individual control settings for the major
functional blocks and also a global override that allows all sec-
tions to be powered up by setting the bit. Using this method the
user could, for example, individually enable a certain section,
such as the reference (CRC:5), and disable all others. The glo-
bal power-up (CRC:0) can be used to enable all sections but if
power-down is required using the global control, the reference
will still be enabled, in this case, because its individual bit is set.
Refer to Table XIII for details of the settings of CRC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com