Electronic Components Datasheet Search
  English  ▼

X  

AD73322 Datasheet(PDF) 10 Page - Analog Devices

Part # AD73322
Description  Low Cost, Low Power CMOS General-Purpose Dual Analog Front End
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD73322 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD73322 Datasheet HTML 6Page - Analog Devices AD73322 Datasheet HTML 7Page - Analog Devices AD73322 Datasheet HTML 8Page - Analog Devices AD73322 Datasheet HTML 9Page - Analog Devices AD73322 Datasheet HTML 10Page - Analog Devices AD73322 Datasheet HTML 11Page - Analog Devices AD73322 Datasheet HTML 12Page - Analog Devices AD73322 Datasheet HTML 13Page - Analog Devices AD73322 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
AD73322
–10–
REV. B
ABSOLUTE MAXIMUM RATINGS*
(TA = +25°C unless otherwise noted)
AVDD, DVDD to GND . . . . . . . . . . . . . . . . . –0.3 V to +7 V
AGND to DGND . . . . . . . . . . . . . . . . . . . . –0.3 V to +0.3 V
Digital I/O Voltage to DGND . . . . . –0.3 V to DVDD + 0.3 V
Analog I/O Voltage to AGND . . . . . –0.3 V to AVDD + 0.3 V
Operating Temperature Range
Industrial (A Version) . . . . . . . . . . . . . . .
–40
°C to +85°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Maximum Junction Temperature . . . . . . . . . . . . . . . +150
°C
SOIC,
θ
JA Thermal Impedance
. . . . . . . . . . . . . . . 71.4
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
LQFP,
θ
JA Thermal Impedance . . . . . . . . . . . . . . .
53.2
°C/W
Lead Temperature, Soldering
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . +215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . +220
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Descriptions
Options
AD73322AR
–40
°C to +85°C
Wide Body SOIC
R-28
AD73322AST
–40
°C to +85°C
Plastic Thin Quad ST-44A
Flatpack (LQFP)
EVAL-AD73322EB
Evaluation Board
1
+EZ-KIT Lite Upgrade
2
EVAL-AD73322EZ
Evaluation Board
1
+EZ-KIT Lite
3
NOTES
1The AD73322 evaluation board features a selectable number of codecs in
cascade (from 1 to 4). It can be interfaced to an ADSP-2181 EZ-KIT Lite or to
a Texas Instruments EVM kit.
2The upgrade consists of a connector that is used to connect the EZ-KIT to the
AD73322 evaluation board. This option is intended for owners of the EZ-KIT
Lite.
3The EZ-KIT Lite has been modified to allow it to interface with the AD73322
evaluation board. This option is intended for users who do not already have an
EZ-KIT Lite.
PIN CONFIGURATIONS
28-Lead Wide Body SOIC
(R-28)
TOP VIEW
(Not to Scale)
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14
AD73322
SDO
MCLK
SCLK
RESET
DVDD
DGND
AGND2
VINP1
VFBP1
VINN1
VFBN1
AVDD2
REFCAP
REFOUT
SDOFS
SDIFS
SDI
SE
AGND1
AVDD1
VOUTP2
VFBN2
VINN2
VFBP2
VINP2
VOUTN2
VOUTP1
VOUTN1
44-Lead Plastic Thin Quad Flatpack (LQFP)
(ST-44A)
3
4
5
6
7
1
2
10
11
8
9
40 39 38
41
42
43
44
36 35 34
37
29
30
31
32
33
27
28
25
26
23
24
PIN 1
IDENTIFIER
TOP VIEW
(Not to Scale)
12 13
14 15 16 17 18 19 20 21 22
NC
VOUTN1
VOUTP1
NC
VOUTN2
VOUTP2
NC
AD73322
REFOUT
REFCAP
AVDD2
AVDD2
AGND2
AGND2
AGND2
NC = NO CONNECT
AGND2
DGND
DGND
DVDD
AVDD1
AVDD1
AGND1
AGND1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com